Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F539PC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F539PC
Description  Dual 1-of-4 Decoder with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F539PC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F539PC Datasheet HTML 1Page - Fairchild Semiconductor 74F539PC Datasheet HTML 2Page - Fairchild Semiconductor 74F539PC Datasheet HTML 3Page - Fairchild Semiconductor 74F539PC Datasheet HTML 4Page - Fairchild Semiconductor 74F539PC Datasheet HTML 5Page - Fairchild Semiconductor 74F539PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
(each half)
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
Z
= High Impedance
Logic Diagram (one half shown)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0a–A1a
Side A Address Inputs
1.0/1.0
20
µA/−0.6 mA
A0b–A1b
Side B Address Inputs
1.0/1.0
20
µA/−0.6 mA
Ea, Eb
Enable Inputs (Active LOW)
1.0/1.0
20
µA/−0.6 mA
OEa, OEb
Output Enable Inputs (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Pa, Pb
Polarity Control Inputs
1.0/1.0
20
µA/−0.6 mA
O0a–O3a
Side A 3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
O0b–O3b
Side B 3-STATE Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Function
Inputs
Outputs
OE
E
A1
A0
O0
O1
O2
O3
High Impedance
H
X
X
X
Z
Z
Z
Z
Disable
L
H
X
X
On = P
Active HIGH
L
L
L
L
H
L
L
L
Output
L
L
L
H
L
H
L
L
(P
= L)
L
L
H
LLL
H
L
LL
H
H
L
L
L
H
Active LOW
L
L
L
L
L
H
H
H
Output
L
L
L
H
H
L
H
H
(P
= H)
L
L
H
L
H
H
L
H
L
L
H
HHH
H
L


Similar Part No. - 74F539PC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F539 PHILIPS-74F539 Datasheet
44Kb / 5P
   Dual 1-of-4 decoder 3-State
1990 Feb 23
More results

Similar Description - 74F539PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F539 MOTOROLA-MC5474F539 Datasheet
83Kb / 3P
   DUAL 1-OF-4 DECODER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F539 PHILIPS-74F539 Datasheet
44Kb / 5P
   Dual 1-of-4 decoder 3-State
1990 Feb 23
logo
Fairchild Semiconductor
74F537 FAIRCHILD-74F537 Datasheet
54Kb / 7P
   1-of-10 Decoder with 3-STATE Outputs
74F538 FAIRCHILD-74F538 Datasheet
63Kb / 7P
   1-of-8 Decoder with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74AC539 HITACHI-HD74AC539 Datasheet
60Kb / 10P
   Dual 1-of-4 Decoder with 3-State Output
logo
Texas Instruments
54ACT11253 TI1-54ACT11253_09 Datasheet
90Kb / 5P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS253 TI1-SN54ALS253_15 Datasheet
797Kb / 18P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS353B TI1-SN74AS353B Datasheet
233Kb / 9P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
54AC11253 TI-54AC11253 Datasheet
97Kb / 7P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F253 TI1-SN54F253_13 Datasheet
631Kb / 8P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com