Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F552QC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74F552QC
Description  Octal Registered Transceiver with Parity and Flags
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F552QC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F552QC Datasheet HTML 1Page - Fairchild Semiconductor 74F552QC Datasheet HTML 2Page - Fairchild Semiconductor 74F552QC Datasheet HTML 3Page - Fairchild Semiconductor 74F552QC Datasheet HTML 4Page - Fairchild Semiconductor 74F552QC Datasheet HTML 5Page - Fairchild Semiconductor 74F552QC Datasheet HTML 6Page - Fairchild Semiconductor 74F552QC Datasheet HTML 7Page - Fairchild Semiconductor 74F552QC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Functional Description
Data applied to the A-inputs are entered and stored in the
R register on the rising edge of the CPR Clock Pulse, pro-
vided that the Clock Enable (CER) is LOW; simultaneously,
the status flip-flop is set and the flag (FR) output goes
HIGH. As the Clock Enable (CER) returns to HIGH, the
data will be held in the R register. These data entered from
the A-inputs will appear at the B Port I/O pins after the Out-
put Enable (OEBR) has gone LOW. When OEBR is LOW,
a parity bit appears at the PARITY pin, which will be set
HIGH when there is an even number of 1s or all 0s at the Q
outputs of the R register. After the data is assimilated, the
receiving system clears the flag FR by changing the signal
at the OEBR pin from LOW-to-HIGH.
Data flow from B-to-A proceeds in the same manner
described for A-to-B flow. A LOW at the CES pin and a
LOW-to-HIGH transition at CPS pin enters the B-input data
and the parity-input data into the S registers and the parity
register respectively and set the flag output FS to HIGH. A
LOW signal at the OEAS pin enables the A Port I/O pins
and a LOW-to-HIGH transition of the OEAS signal clears
the FS flag. When OEAS is LOW, the parity check output
ERROR will be HIGH if there is an odd number of 1s at the
Q outputs of the S registers and the parity register. The flag
FS can be cleared by a LOW-to-HIGH transition of the
OEAS signal.
Register Function Table
(Applies to R or S Register)
H
= HIGH Voltage Level
 = LOW-to-HIGH Transition
L
= LOW Voltage Level
= Not LOW-to-HIGH Transition
X
= Immaterial
NC
= No Change
Output Control
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
Z
= High Impedance
Flag Flip-Flop Function Table
(Applies to R or S Flag Flip-Flop)
H
= HIGH Voltage Level
 = LOW-to-HIGH Transition
L
= LOW Voltage Level
= Not LOW-to-HIGH Transition
X
= Immaterial
NC
= No Change
Parity Generation Function
H
= HIGH Voltage Level
X
= Immaterial
L
= LOW Voltage Level
Z
= High Impedance
Parity Check Function
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Inputs
Internal
Function
DCP
CE
Q
XX
H
NC
Hold Data
L

LL
Load Data
H

LH
X
L
NC
Keep Old Data
OE
Internal
A or B
Function
Q
Outputs
H
X
Z
Disable Output
L
L
L
Enable Output
L
H
H
Enable Output
Inputs
Flag
Function
CE
CP
OE
Output
H
X
NC
Hold Flag
L

†H
Set Flag
XX

L
Clear Flag
OEBR
Number of HIGHs in the
Parity Output
Q Outputs of the R Register
HX
Z
L
0, 2, 4, 6, 8
H
L
1, 3, 5, 7
L
OEAS
Number of HIGHs in
Parity
ERROR
the Q Outputs of the S Register
Input
Output
HX
X
H
L
0, 2, 4, 6, 8
L
L
L
1, 3, 5, 7
L
H
L
0, 2, 4, 6, 8
H
H
L
1, 3, 5, 7
H
L


Similar Part No. - 74F552QC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
More results

Similar Description - 74F552QC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com