Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F579 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F579
Description  8-Bit Bidirectional Binary Counter with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F579 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F579 Datasheet HTML 1Page - Fairchild Semiconductor 74F579 Datasheet HTML 2Page - Fairchild Semiconductor 74F579 Datasheet HTML 3Page - Fairchild Semiconductor 74F579 Datasheet HTML 4Page - Fairchild Semiconductor 74F579 Datasheet HTML 5Page - Fairchild Semiconductor 74F579 Datasheet HTML 6Page - Fairchild Semiconductor 74F579 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Function Table
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
 = LOW to HIGH Clock Transition
Not LL = CS and PE should never both be LOW voltage level at the same time.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
I/O0–I/O7
Data Inputs or
3.5/0.333
70
µA/−0.2 mA
3-STATE Outputs
75/15
−3 mA/24 mA
PE
Parallel Enable Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
U/D
Up-Down Count Control Input
0.25/0.333
5
µA/−0.2 mA
MR
Master Reset Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
SR
Synchronous Reset Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
CEP
Count Enable Parallel Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
CET
Count Enable Trickle Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
CS
Chip Select Input Active (Active LOW)
0.25/0.333
5
µA/−0.2 mA
OE
Output Enable Input (Active LOW)
0.25/0.333
5
µA/−0.2 mA
CP
Clock Pulse Input (Active Rising Edge)
0.25/0.333
5
µA/−0.2 mA
TC
Terminal Count Output (Active LOW)
25/12.5
−1 mA/5 mA
MR
SR
CS
PE
CEP CET U/D
OE
CP
Function
X
X
H
X
XXX
XX
I/Oa to I/Oh in High Z (PE Disabled)
X
X
L
H
XXX
H
X
I/Oa to I/Oh in High Z
X
X
L
H
X
X
X
L
X
Flip-Flop Outputs Appear on I/O Lines
L
X
X
X
X
X
X
X
X
Asynchronous Reset for all Flip-Flops
H
L
XX
XXX
X

Synchronous Reset for all Flip-Flops
H
H
L
L
XXX
X

Parallel Load all Flip-Flops
H
H
(Not LL)
H
X
X
X

Hold
H
H
(Not LL)
X
H
X
X

Hold (TC Held HIGH)
H
H
(Not LL)
L
L
H
X

Count Up
H
H
(Not LL)
L
L
L
X

Count Down


Similar Part No. - 74F579

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579PC FAIRCHILD-74F579PC Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
74F579PCQR NSC-74F579PCQR Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F579SC FAIRCHILD-74F579SC Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results

Similar Description - 74F579

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
   8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
54F779 NSC-54F779 Datasheet
176Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Texas Instruments
74AC11590 TI1-74AC11590_09 Datasheet
144Kb / 10P
[Old version datasheet]   8-BIT BINARY COUNTER WITH REGISTERED 3-STATE OUTPUTS
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com