Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC2R60-10 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MOC2R60-10
Description  OPTOISOLATOR 2 AMPS RANDOM-PHASE TRIAC OUTPUT 600 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC2R60-10 Datasheet(HTML) 5 Page - Motorola, Inc

  MOC2R60-10 Datasheet HTML 1Page - Motorola, Inc MOC2R60-10 Datasheet HTML 2Page - Motorola, Inc MOC2R60-10 Datasheet HTML 3Page - Motorola, Inc MOC2R60-10 Datasheet HTML 4Page - Motorola, Inc MOC2R60-10 Datasheet HTML 5Page - Motorola, Inc MOC2R60-10 Datasheet HTML 6Page - Motorola, Inc MOC2R60-10 Datasheet HTML 7Page - Motorola, Inc MOC2R60-10 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MOC2R60-10 MOC2R60-15
5
Motorola Optoelectronics Device Data
Figure 13. Delay Time, t(d), and Fall Time, t(f),
versus LED Trigger Current
IFT, LED TRIGGER CURRENT (mA)
100
0.1
10
20
30
40
50
60
10
1
t(d)
t(f)
t(delay), t(f) versus IFT
The POWER OPTO Isolators turn on switching speed con-
sists of a turn on delay time t(d) and a fall time t(f). Figure 13
shows that the delay time depends on the LED trigger cur-
rent, while the actual trigger transition time t(f) stays constant
with about one micro second.
The delay time is important in very short pulsed operation
because it demands a higher trigger current at very short trig-
ger pulses. This dependency is shown in the graph IFT ver-
sus LED PW.
The turn on transition time t(f) combined with the power
triacs turn on time is important to the power dissipation of this
device.
SCOPE
IFT
VTM
t(d)
t(f)
ZERO CROSS
DETECTOR
EXT. SYNC
Vout
FUNCTION
GENERATOR
PHASE CTRL.
PW CTRL.
PERIOD CTRL.
Vo AMPL. CTRL.
IFT
VTM
10 k
DU
T
100
ISOL. TRANSF.
A
C
115
VAC
Figure 14. Switching Time Test Circuit
Figure 15. Typical Application Circuit
VCC
Load
MOV
R2
C1
R1
MOC2R60
Select the value of R1 according to the following formulas:
(1)
R1 = (VCC – VF) / Max. IFT (on) per spec.
(2)
R1 = (VCC – VF) / 0.050
Typical values for C1 and R2 are 0.01
µF and 39 Ω,
respectively. You may adjust these values for specific
applications. The maximum recommended value of C1 is
0.022
µF. See application note AN1048 for additional
information on component values.
The MOV may or may not be needed depending upon the
characteristics of the applied AC line voltage. For
applications where line spikes may exceed the 600 volts
rating of the MOC2R60, an MOV is required.


Similar Part No. - MOC2R60-10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC205 MOTOROLA-MOC205 Datasheet
118Kb / 4P
   SMALL OUTLINE OPTOISOLATORS TRANSISTOR OUTPUT
logo
Fairchild Semiconductor
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205M FAIRCHILD-MOC205M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
More results

Similar Description - MOC2R60-10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC2A6010 MOTOROLA-MOC2A6010 Datasheet
203Kb / 8P
   OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Motorola, Inc
MOCZ500 MOTOROLA-MOCZ500 Datasheet
222Kb / 8P
   OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
   Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC1-Q301X Datasheet
890Kb / 14P
   RANDOM-PHASE TRIAC OPTOCOUPLER
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
Guangdong Youtai Semico...
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
logo
Central Semiconductor C...
2N6071 CENTRAL-2N6071 Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com