Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F646 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74F646
Description  Octal Transceiver/Register with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F646 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  74F646 Datasheet HTML 1Page - Fairchild Semiconductor 74F646 Datasheet HTML 2Page - Fairchild Semiconductor 74F646 Datasheet HTML 3Page - Fairchild Semiconductor 74F646 Datasheet HTML 4Page - Fairchild Semiconductor 74F646 Datasheet HTML 5Page - Fairchild Semiconductor 74F646 Datasheet HTML 6Page - Fairchild Semiconductor 74F646 Datasheet HTML 7Page - Fairchild Semiconductor 74F646 Datasheet HTML 8Page - Fairchild Semiconductor 74F646 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics 74F646B
AC Operating Requirements 74F646B
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
165
150
MHz
tPLH
Propagation Delay
2.5
7.0
2.5
8.0
ns
tPHL
Clock to Bus
3.0
7.5
3.0
8.0
tPLH
Propagation Delay
2.0
6.0
2.0
7.0
ns
tPHL
Bus to Bus
2.0
6.0
2.0
7.0
tPLH
Propagation Delay
2.5
7.5
2.5
8.5
ns
tPHL
SBA or SAB to A or B
2.5
7.5
2.5
8.5
tPZH
Enable Time
2.5
6.5
2.5
8.0
ns
tPZL
OE to A or B
2.5
9.0
2.5
10.0
tPHZ
Disable Time
1.5
6.5
1.5
7.5
ns
tPLZ
OE to A or B
2.07.0
2.08.5
tPZH
Enable Time
2.0
7.0
2.0
8.5
ns
tPZL
DIR to A or B
3.0
9.5
3.0
10.0
tPHZ
Disable Time
1.5
7.5
1.5
8.5
ns
tPLZ
DIR to A or B
2.5
8.5
2.5
9.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
5.0
4.0
ns
tS(L)
Bus to Clock
5.0
4.0
tH(H)
Hold Time, HIGH or LOW
1.5
1.5
ns
tH(L)
Bus to Clock
1.5
1.5
tW(H)
Clock Pulse Width
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0


Similar Part No. - 74F646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
National Semiconductor ...
74F646 NSC-74F646 Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F646 FAIRCHILD-74F646 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
NXP Semiconductors
74F646A PHILIPS-74F646A Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
National Semiconductor ...
74F646B NSC-74F646B Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Similar Description - 74F646

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com