Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F828SPC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F828SPC
Description  10-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F828SPC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F828SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F828SPC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
DS009598
www.fairchildsemi.com
April 1988
Revised February 2004
74F827 • 74F828
10-Bit Buffers/Line Drivers
General Description
The 74F827 and 74F828 10-bit bus buffers provide high
performance bus interface buffering for wide data/address
paths or buses carrying parity. The 10-bit buffers have
NOR output enables for maximum control flexibility.
The 74F828 is an inverting version of the 74F827.
Features
s 3-STATE output
s 74F828 is inverting
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
74F827
74F828
Order Number
Package Number
Package Description
74F827SC
(Note 1)
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F827SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74F828SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F828SPC
(Note 1)
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74F828SPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F828SPC NSC-74F828SPC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results

Similar Description - 74F828SPC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com