Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN4691E Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4691E
Description  High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4691E Datasheet(HTML) 5 Page - Analog Devices

  ADN4691E Datasheet HTML 1Page - Analog Devices ADN4691E Datasheet HTML 2Page - Analog Devices ADN4691E Datasheet HTML 3Page - Analog Devices ADN4691E Datasheet HTML 4Page - Analog Devices ADN4691E Datasheet HTML 5Page - Analog Devices ADN4691E Datasheet HTML 6Page - Analog Devices ADN4691E Datasheet HTML 7Page - Analog Devices ADN4691E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Evaluation Board User Guide
UG-361
Rev. 0 | Page 5 of 8
EVALUATION BOARD SCHEMATIC AND LAYOUT
1 NC
2
RO
3
4
DE
5
DI
6 GND
7
GND
14
VCC
13
VCC
12
A
11
B
10
Z
9
Y
8
NC
U1
ADN4692/
ADN4693/
ADN4695/
ADN4697
C3
100nF
J5
RT
50Ω
RT1
50Ω
J2
J1
J3
J4
J6
J7
J8
DE
TXD
A
Y
BA
LK1
BA
LK2
GND GND1 GND2 GND3
R1
0Ω
C1
DNI
C2
DNI
C9
10µF
VCC
GND8
Z
B
RO
RE
+3.3V
RO
A
B
Z
Y
+3.3V
+3.3V
DI
RE
DE
+3.3V
GND
GND4 GND5 GND6 GND7
RE
Figure 6. EVAL-ADN469xEFDEBZ Schematic
Figure 7. EVAL-ADN469xEFDEBZ Silkscreen


Similar Part No. - ADN4691E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4691E AD-ADN4691E Datasheet
452Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex
REV. A
ADN4691E AD-ADN4691E Datasheet
364Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex
REV. A
ADN4691E AD-ADN4691E Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4691E AD-ADN4691E Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4691E AD-ADN4691E Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
More results

Similar Description - ADN4691E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4693E-1 AD-ADN4693E-1 Datasheet
949Kb / 17P
   3.3 V, 200 Mbps, Full-Duplex, High Speed M-LVDS Transceiver
Rev. 0
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com