Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFM-540I-REVA Datasheet(PDF) 2 Page - AAEON Technology

Part # PFM-540I-REVA
Description  PC/104 Module with AMD Geode Tm LX Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PFM-540I-REVA Datasheet(HTML) 2 Page - AAEON Technology

  PFM-540I-REVA Datasheet HTML 1Page - AAEON Technology PFM-540I-REVA Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-12
Dimension
Unit: mm
PCM-3538T-A10
TTL to LVDS Transmitter Module Rev. A1.0
Optional Accessories
PFM-540I Rev. A
Part Number
CPU
RAM
Fan/
Fanless
Storage
Display
LVDS
LAN
USB RS-232 RS-232/422/485 Parallel
Expansion Slot
Power
Temp.
TF-PFM-540I-A10
AMD Geode™
LX800
SODIMM
Fanless
EIDE x 1,
CompactFlash™ x 1
FDD x 1
CRT + TTL
18/24b, 1CH
FE x 1
4
1
1
1
PC/104
+5V/AT
0°C ~ 60°C
Ordering Information


Similar Part No. - PFM-540I-REVA

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-540I-REVB AAEON-PFM-540I-REVB Datasheet
281Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
More results

Similar Description - PFM-540I-REVA

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-540I-REVB AAEON-PFM-540I-REVB Datasheet
281Kb / 2P
   PC/104 Module with AMD Geode Tm LX Processor
PFM-540I-A11 AAEON-PFM-540I-A11 Datasheet
425Kb / 2P
   PC/104 Module with AMD Geode™ LX Processor
PFM-541I_1302 AAEON-PFM-541I_1302 Datasheet
304Kb / 2P
   PC/104 Module with Onboard AMD Geode LX800 Processor
PFM-541IW2 AAEON-PFM-541IW2 Datasheet
352Kb / 1P
   PC/104 CPU Module with Onboard AMD Geode LX800 Processor
ETX-701 AAEON-ETX-701 Datasheet
249Kb / 2P
   ETX CPU Module with AMD Geode LX Series Processor
ETX-700 AAEON-ETX-700 Datasheet
276Kb / 2P
   ETX CPU Module with AMD Geode??LX Series Processor
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
logo
AAEON Technology
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
PCM-5895REV.B AAEON-PCM-5895REV.B Datasheet
244Kb / 2P
   Compact Board with AMD Geode LX Series Processor
PCM-5895REV.A AAEON-PCM-5895REV.A Datasheet
273Kb / 2P
   Compact Board with AMD Geode LX Series Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com