Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744325180 Datasheet(PDF) 6 Page - Analog Devices

Part # 744325180
Description  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

744325180 Datasheet(HTML) 6 Page - Analog Devices

Back Button 744325180 Datasheet HTML 2Page - Analog Devices 744325180 Datasheet HTML 3Page - Analog Devices 744325180 Datasheet HTML 4Page - Analog Devices 744325180 Datasheet HTML 5Page - Analog Devices 744325180 Datasheet HTML 6Page - Analog Devices 744325180 Datasheet HTML 7Page - Analog Devices 744325180 Datasheet HTML 8Page - Analog Devices 744325180 Datasheet HTML 9Page - Analog Devices 744325180 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP2384
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
SW
SW
GND
VREG
FB
COMP
PGND
25
GND
26
SW
SW
BST
PVIN
PVIN
PVIN
NOTES
1. THE EXPOSED GND PAD MUST BE SOLDERED
TO A LARGE, EXTERNAL, COPPER GND PLANE
TO REDUCE THERMAL RESISTANCE.
2. THE EXPOSED SW PAD MUST BE CONNECTED
TO THE SW PINS OF THE ADP2384 BY USING
SHORT, WIDE TRACES, OR ELSE SOLDERED
TO A LARGE, EXTERNAL, COPPER SW PLANE
TO REDUCE THERMAL RESISTANCE.
ADP2384
TOP VIEW
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Error Amplifier Output. Connect an RC network from COMP to GND.
2
FB
Feedback Voltage Sense Input. Connect to a resistor divider from the output voltage, VOUT.
3
VREG
Output of the Internal 8 V Regulator. The control circuits are powered from this voltage. Place a 1 µF, X7R
or X5R ceramic capacitor between this pin and GND.
4
GND
Analog Ground. Return of internal control circuit.
5, 6, 7, 14
SW
Switch Node Output. Connect to the output inductor.
8, 9, 10, 11, 12, 13
PGND
Power Ground. Return of low-side power MOSFET.
15
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 µF, X7R or X5R capacitor between SW and BST.
16,17,18,19
PVIN
Power Input. Connect to the input power source and connect a bypass capacitor between this pin and PGND.
20
EN
Precision Enable Pin. An external resistor divider can be used to set the turn-on threshold. To enable the
part automatically, connect the EN pin to the PVIN pin.
21
PGOOD
Power-Good Output (Open Drain). A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
22
RT
Frequency Setting. Connect a resistor between RT and GND to program the switching frequency from 200 kHz
to 1.4 MHz.
23
SYNC
Synchronization Input. Connect this pin to an external clock to synchronize the switching frequency from
200 kHz and 1.4 MHz. See the Oscillator section and Synchronization section for more information.
24
SS
Soft Start Control. Connect a capacitor from SS to GND to program the soft start time. If this pin is open,
the regulator uses the internal soft start time.
25
EP, GND
The exposed GND pad must be soldered to a large, external, copper GND plane to reduce thermal resistance.
26
EP, SW
The exposed SW pad must be connected to the SW pins of the ADP2384, using short, wide traces, or else
soldered to a large, external, copper SW plane to reduce thermal resistance.


Similar Part No. - 744325180

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744325180 WURTH-744325180 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Similar Description - 744325180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com