Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744325180 Datasheet(PDF) 1 Page - Analog Devices

Part # 744325180
Description  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

744325180 Datasheet(HTML) 1 Page - Analog Devices

  744325180 Datasheet HTML 1Page - Analog Devices 744325180 Datasheet HTML 2Page - Analog Devices 744325180 Datasheet HTML 3Page - Analog Devices 744325180 Datasheet HTML 4Page - Analog Devices 744325180 Datasheet HTML 5Page - Analog Devices 744325180 Datasheet HTML 6Page - Analog Devices 744325180 Datasheet HTML 7Page - Analog Devices 744325180 Datasheet HTML 8Page - Analog Devices 744325180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
20 V, 4 A, Synchronous, Step-Down
DC-to-DC Regulator
Data Sheet
ADP2384
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage: 4.5 V to 20 V
Integrated MOSFET: 44 mΩ/11.6 mΩ
Reference voltage: 0.6 V ± 1%
Continuous output current: 4 A
Programmable switching frequency: 200 kHz to 1.4 MHz
Synchronizes to external clock: 200 kHz to 1.4 MHz
180° out-of-phase clock synchronization
Precision enable and power good
External compensation
Internal soft start with external adjustable option
Startup into a precharged output
Supported by ADIsimPower design tool
APPLICATIONS
Communications infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
DC-to-dc point-of-load applications
TYPICAL APPLICATIONS CIRCUIT
ADP2384
BST
FB
COMP
PGOOD
GND
VREG
RT
SYNC
SS
L
CVREG
RT
SW
PGND
EN
PVIN
CIN
VIN
CBST
COUT
VOUT
RTOP
RBOT
CC
RC
CSS
Figure 1.
100
50
55
60
65
70
75
80
85
90
95
0
1.0
2.0
3.5
2.5
1.5
0.5
3.0
4.0
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 3.3V
VOUT = 5V
Figure 2. Efficiency vs. Output Current, VIN = 12 V, fSW = 300 kHz
GENERAL DESCRIPTION
The ADP2384 is a synchronous, step-down dc-to-dc regulator
with an integrated 44 mΩ, high-side power MOSFET and
an 11.6 mΩ, synchronous rectifier MOSFET to provide a high
efficiency solution in a compact 4 mm × 4 mm LFCSP package.
This device uses a peak current mode, constant frequency pulse-
width modulation (PWM) control scheme for excellent stability
and transient response. The switching frequency of the ADP2384
can be programmed from 200 kHz to 1.4 MHz. To minimize
system noise, the synchronization function allows the switching
frequency to be synchronized to an external clock.
The ADP2384 requires minimal external components and operates
from an input voltage of 4.5 V to 20 V. The output voltage can be
adjusted from 0.6 V to 90% of the input voltage and delivers up to
4 A of continuous current. Each IC draws less than 120 μA current
from the input source when it is disabled.
This regulator targets high performance applications that require
high efficiency and design flexibility. External compensation and an
adjustable soft start function provide design flexibility. The power-
good output and precision enable input provide simple and reliable
power sequencing.
Other key features include undervoltage lockout (UVLO),
overvoltage protection (OVP), overcurrent protection (OCP),
short-circuit protection (SCP), and thermal shutdown (TSD).
The ADP2384 operates over the −40°C to +125°C junction
temperature range and is available in a 24-lead, 4 mm × 4 mm
LFCSP package.


Similar Part No. - 744325180

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744325180 WURTH-744325180 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Similar Description - 744325180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com