Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744325330 Datasheet(PDF) 11 Page - Analog Devices

Part # 744325330
Description  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

744325330 Datasheet(HTML) 11 Page - Analog Devices

Back Button 744325330 Datasheet HTML 7Page - Analog Devices 744325330 Datasheet HTML 8Page - Analog Devices 744325330 Datasheet HTML 9Page - Analog Devices 744325330 Datasheet HTML 10Page - Analog Devices 744325330 Datasheet HTML 11Page - Analog Devices 744325330 Datasheet HTML 12Page - Analog Devices 744325330 Datasheet HTML 13Page - Analog Devices 744325330 Datasheet HTML 14Page - Analog Devices 744325330 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADP2384
Rev. 0 | Page 11 of 24
FUNCTIONAL BLOCK DIAGRAM
+
+
0.6V
ISS
SS
FB
COMP
Σ
AMP
CONTROL
LOGIC
AND MOSFET
DRIVER WITH
ANTICROSS
PROTECTION
BST
SW
VI_MAX
HICCUP
MODE
NFET
NFET
VI_NEG
VREG
PGND
0.7V
0.54V
OVP
PVIN
VREG
UVLO
EN
EN_BUF
SLOPE RAMP
CLK
+
NEG CURRENT
CMP
+
+
1.17V
4µA
1µA
OCP
CMP
+
+
DRIVER
DRIVER
BOOST
REGULATOR
BIAS AND DRIVER
REGULATOR
ACS
OSC
CLK
SLOPE RAMP
DEGLITCH
SYNC
RT
PGOOD
GND
Figure 28. Functional Block Diagram


Similar Part No. - 744325330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744325330 WURTH-744325330 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Similar Description - 744325330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com