Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FR573SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74FR573SC
Description  Octal D-Type Latch with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR573SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74FR573SC Datasheet HTML 1Page - Fairchild Semiconductor 74FR573SC Datasheet HTML 2Page - Fairchild Semiconductor 74FR573SC Datasheet HTML 3Page - Fairchild Semiconductor 74FR573SC Datasheet HTML 4Page - Fairchild Semiconductor 74FR573SC Datasheet HTML 5Page - Fairchild Semiconductor 74FR573SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010903
www.fairchildsemi.com
January 1991
Revised August 1999
74FR573
Octal D-Type Latch with 3-STATE Outputs
General Description
The 74FR573 is a high speed octal latch with buffered
common Latch Enable (LE) and buffered common Output
Enable (OE) inputs.
This device is functionally identical to the 74F573.
Features
s Broadside pinout aids in PC layout
s Functionally identical to the 74F373, 74F573
s Outputs have current sourcing capability of 15 mA and
current sinking capability of 64 mA
s Guaranteed pin-to-pin skew
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74FR573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74FR573PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
OE
Output Enable Input (Active-LOW)
LE
Latch Enable Input (Active-HIGH)
D0–D7
Data Inputs
O0–O7
3-STATE Latch Outputs


Similar Part No. - 74FR573SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74FR543 FAIRCHILD-74FR543 Datasheet
48Kb / 6P
   Octal Latched Transceiver with 3-STATE Outputs
74FR543SC FAIRCHILD-74FR543SC Datasheet
48Kb / 6P
   Octal Latched Transceiver with 3-STATE Outputs
74FR543SPC FAIRCHILD-74FR543SPC Datasheet
48Kb / 6P
   Octal Latched Transceiver with 3-STATE Outputs
More results

Similar Description - 74FR573SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com