Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX11MTC Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 74LCX11MTC
Description  Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX11MTC Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 74LCX11MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 10Page - Fairchild Semiconductor 74LCX11MTC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Similar Part No. - 74LCX11MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX11MTC ONSEMI-74LCX11MTC Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX11MTC FAIRCHILD-74LCX11MTC_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX11MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27 Datasheet
92Kb / 8P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
74LCX10 FAIRCHILD-74LCX10 Datasheet
107Kb / 8P
   Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
74LVX27 STMICROELECTRONICS-74LVX27_04 Datasheet
212Kb / 11P
   LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com