Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX14SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX14SJ
Description  Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX14SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX14SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX14SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.fairchildsemi.com
2
Logic Symbol
IEEE/IEC
Pin Descriptions
Truth Table
Connection Diagrams
Pin Assignments for SOIC, SOP, and TSSOP
Pad Assignments for DQFN
(Top View)
Pin Names
Description
In
Inputs
On
Outputs
Input
Output
AO
L
H
H
L


Similar Part No. - 74LCX14SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX14SJ FAIRCHILD-74LCX14SJ Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14SJ FAIRCHILD-74LCX14SJ Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14SJ ONSEMI-74LCX14SJ Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results

Similar Description - 74LCX14SJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
   Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
74LCX14MTCX FAIRCHILD-74LCX14MTCX Datasheet
777Kb / 13P
   74LCX14 Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX04 ONSEMI-74LCX04 Datasheet
750Kb / 14P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com