Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX157M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LCX157M
Description  Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX157M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX157M Datasheet HTML 1Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 2Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 3Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 4Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 5Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 6Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 7Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 8Page - Fairchild Semiconductor 74LCX157M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 to +7.0
V
VO
DC Output Voltage
−0.5 to V
CC + 0.5
Output in HIGH or LOW State (Note 2)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
IOH/IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V − 3.0V
±12
VCC = 2.3V − 2.7V
±8
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V − 2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3 − 3.6
VCC − 0.2
V
IOH = −8 mA
2.3
1.8
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.3 − 3.6
0.2
V
IOH = 8 mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I ≤ 5.5V
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA


Similar Part No. - 74LCX157M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX157M ONSEMI-74LCX157M Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX157MTC ONSEMI-74LCX157MTC Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
74LCX157MTCX ONSEMI-74LCX157MTCX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
STMicroelectronics
74LCX157MTR STMICROELECTRONICS-74LCX157MTR Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
ON Semiconductor
74LCX157MX ONSEMI-74LCX157MX Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
More results

Similar Description - 74LCX157M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX157 STMICROELECTRONICS-74LVX157 Datasheet
197Kb / 9P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LVX157 STMICROELECTRONICS-74LVX157_04 Datasheet
269Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
   Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
   LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com