Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX162373 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LCX162373
Description  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26??Series Resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162373 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LCX162373 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162373 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ VI, VO ≤ 5.5V (Note 7)
2.3
− 3.6
±20
∆ICC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
6.2
1.5
6.7
1.5
7.4
ns
tPLH
In to On
1.5
6.2
1.5
6.7
1.5
7.4
tPHL
Propagation Delay
1.5
6.3
1.5
7.2
1.5
7.6
ns
tPLH
LE to On
1.5
6.3
1.5
7.2
1.5
7.6
tPZL
Output Enable Time
1.5
6.9
1.5
7.3
1.5
9.0
ns
tPZH
1.5
6.9
1.5
7.3
1.5
9.0
tPLZ
Output Disable Time
1.5
6.0
1.5
6.3
1.5
7.2
ns
tPHZ
1.5
6.0
1.5
6.3
1.5
7.2
tS
Setup Time, In to LE
2.5
2.5
3.0
ns
tH
Hold Time, In to LE
1.5
1.5
2.0
ns
tW
LE Pulse Width
3.0
3.0
3.5
ns
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.35
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.25
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.35
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.25
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Similar Part No. - 74LCX162373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX162373 FAIRCHILD-74LCX162373 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
logo
ON Semiconductor
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
logo
Fairchild Semiconductor
74LCX162373GX FAIRCHILD-74LCX162373GX Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
logo
ON Semiconductor
74LCX162373GX ONSEMI-74LCX162373GX Datasheet
239Kb / 12P
   Low Voltage 16-Bit Transparent Latch
Revised May 2005
logo
Fairchild Semiconductor
74LCX162373MEA FAIRCHILD-74LCX162373MEA Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results

Similar Description - 74LCX162373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com