Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6824 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6824
Description  90 Watts WR-90 RF Load Up To 12.4 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6824 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6824 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6824 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2013 Pasternack Enterprises All Rights Reserved
PE6824 REV
90 Watts WR-90 RF Load Up To 12.4 GHz
PE6824
CAD Drawing


Similar Part No. - PE6824

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6824 PASTERNACK-PE6824 Datasheet
349Kb / 3P
   90 Watts High Power WR-90 Waveguide Load
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
   90 Watts High Power WR-90 Waveguide Load
More results

Similar Description - PE6824

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6806 PASTERNACK-PE6806 Datasheet
205Kb / 2P
   2 Watts WR-90 RF Load Up To 12.4 GHz
PE6833 PASTERNACK-PE6833 Datasheet
243Kb / 2P
   200 Watts WR-90 RF Load Up To 12.4 GHz
PE6815 PASTERNACK-PE6815 Datasheet
205Kb / 2P
   2 Watts Precision WR-90 RF Load Up To 12.4 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
   2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
   2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1007 PASTERNACK-PEWTR1007 Datasheet
368Kb / 3P
   4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PEWTR1006 PASTERNACK-PEWTR1006 Datasheet
368Kb / 3P
   4 Watts Low Power Commercial Grade WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
   90 Watts High Power WR-90 Waveguide Load
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
   0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
   40 Watts WR-34 RF Load Up To 33 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com