Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX162244MEA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74LCX162244MEA
Description  Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX162244MEA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LCX162244MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX162244MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Functional Description
The LCX162244 contains sixteen non-inverting buffers with
3-STATE standard outputs. The device is designed with
26
: series resistors in the outputs. This design reduces
line noise in applications such as memory address drivers,
clock drivers and bus transceiver/transmitters. The device
is nibble (4 bits) controlled with each nibble functioning
identically, but independent of the other. The control pins
can be shorted together to obtain full 16-bit operation. The
3-STATE outputs are controlled by an Output Enable (OEn)
input for each nibble. When OEn is LOW, the outputs are in
2-state mode. When OEn is HIGH, the outputs are in the
high impedance mode, but this does not interfere with
entering new data into the inputs.
Logic Diagram


Similar Part No. - 74LCX162244MEA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX162244MEA ONSEMI-74LCX162244MEA Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74LCX162244MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCX2244 FAIRCHILD-74LCX2244 Datasheet
156Kb / 11P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
logo
Motorola, Inc
MC74VCX162244 MOTOROLA-MC74VCX162244 Datasheet
135Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
logo
Fairchild Semiconductor
74ALVCH162240 FAIRCHILD-74ALVCH162240 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com