Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6828 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6828
Description  75 Watts WR-34 RF Load Up To 33 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6828 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6828 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6828 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2013 Pasternack Enterprises All Rights Reserved
PE6828 REV
75 Watts WR-34 RF Load Up To 33 GHz
PE6828
CAD Drawing


Similar Part No. - PE6828

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
   50 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
213Kb / 2P
   50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
   50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
   55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
   60 Watts WR-62 RF Load Up To 18 GHz
More results

Similar Description - PE6828

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
   40 Watts WR-34 RF Load Up To 33 GHz
PE6801 PASTERNACK-PE6801 Datasheet
207Kb / 2P
   0.5 Watts WR-34 RF Load Up To 33 GHz
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
   0.5 Watts Precision WR-34 RF Load Up To 33 GHz
PE6823 PASTERNACK-PE6823 Datasheet
207Kb / 2P
   75 Watts WR-75 RF Load Up To 15 GHz
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
   175 Watts WR-75 RF Load Up To 15 GHz
PE6805 PASTERNACK-PE6805 Datasheet
206Kb / 2P
   2 Watts WR-75 RF Load Up To 15 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
   2 Watts Precision WR-75 RF Load Up To 15 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
   75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
   0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6835 PASTERNACK-PE6835 Datasheet
211Kb / 2P
   300 Watts WR-112 RF Load Up To 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com