Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6830 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6830
Description  100 Watts WR-51 RF Load Up To 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6830 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6830 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6830 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2013 Pasternack Enterprises All Rights Reserved
PE6830 REV
100 Watts WR-51 RF Load Up To 18 GHz
PE6830 CAD Drawing


Similar Part No. - PE6830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
   175 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
790Kb / 3P
   175 Watts High Power WR-62 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
   175 Watts High Power WR-62 Waveguide Load
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
   175 Watts WR-75 RF Load Up To 15 GHz
PE6832 PASTERNACK-PE6832 Datasheet
776Kb / 3P
   175 Watts High Power WR-75 Waveguide Load
More results

Similar Description - PE6830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
   55 Watts WR-51 RF Load Up To 18 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
   1 Watts WR-51 RF Load Up To 18 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
   1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
   1.5 Watts WR-62 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
   60 Watts WR-62 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
   175 Watts WR-62 RF Load Up To 18 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
   100 Watts WR-42 RF Load Up To 26.5 GHz
PE6826 PASTERNACK-PE6826 Datasheet
207Kb / 2P
   100 Watts WR-112 RF Load Up To 10 GHz
PE6825 PASTERNACK-PE6825 Datasheet
208Kb / 2P
   100 Watts WR-102 RF Load Up To 11 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
   1.5 Watts Precision WR-62 RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com