Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTNK0250 Datasheet(PDF) 3 Page - C&K Components

Part # BTNK0250
Description  KSA & KSL Series Sealed Tact Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

BTNK0250 Datasheet(HTML) 3 Page - C&K Components

  BTNK0250 Datasheet HTML 1Page - C&K Components BTNK0250 Datasheet HTML 2Page - C&K Components BTNK0250 Datasheet HTML 3Page - C&K Components BTNK0250 Datasheet HTML 4Page - C&K Components BTNK0250 Datasheet HTML 5Page - C&K Components BTNK0250 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B–57
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
0,5 x 0,3
(.020 x .012)
0,8 x 0,3
(.031 x .012)
0,4
(.016)
3,0
(.118)
2,54
(.10)
5,08
(.20)
7,8
(.307)
9,5
(.374)
L
INSERTION
M MANUAL (BULK PACKAGING)
A AUTOMATIC (TUBE PACKAGING, 65 PIECES PER TUBE)
V VERTICAL
Ground terminal
(option)
7.62
(.30)
PCB LAYOUT
PCB LAYOUT
7,62
(.30)
9,0
(.354)
8,2
(.322)
0,5 x 0,3
(.020 x .012)
5,08
(.20)
7,62
(.300)
ø1,2
(.047)
ø0,9
(.035)
5,08
(.200)
OPERATING FORCE
OPTION
CODE
OPERATING FORCE
2
1.3 N (130 grams)
100,000 operations
3
1.3 N (130 grams)
1,000,000 operations
4
3.0 N (300 grams)
100,000 operations
5
5.0 N (500 grams)
100,000 operations
9
3.0 N (300 grams)
500,000 operations
KSA & KSL Series
Sealed Tact Switch
Type
L mm
inch
KSA0V
5,8
.228
KSL0V
11,1
.437
DIMENSION L
5,08±0,1
ø -0,06
3
9,5 ±0,3
x 0,3±0,01
0,5
ø 4,8 ±0,05
ø 0,9
5,08
8,2±0,2
(.322±.008)
(.189-.020)
(.374±.012)
(.020 x .012±.004)
(.20±.004)
(.354)
(.20)
PCB LAYOUT


Similar Part No. - BTNK0250

ManufacturerPart #DatasheetDescription
logo
C&K Components
BTNKSC920 CK-COMPONENTS-BTNKSC920 Datasheet
484Kb / 4P
   SMD Sealed Tact Switch for Adjustable Height
BTNKSC940 CK-COMPONENTS-BTNKSC940 Datasheet
484Kb / 4P
   SMD Sealed Tact Switch for Adjustable Height
BTNKSC980 CK-COMPONENTS-BTNKSC980 Datasheet
484Kb / 4P
   SMD Sealed Tact Switch for Adjustable Height
BTNKSC990 CK-COMPONENTS-BTNKSC990 Datasheet
484Kb / 4P
   SMD Sealed Tact Switch for Adjustable Height
More results

Similar Description - BTNK0250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
KSA1M211 AD-KSA1M211 Datasheet
249Kb / 5P
   KSA & KSL Series Sealed Tact Switch
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211_13 Datasheet
249Kb / 5P
   KSA KSL Series Sealed Tact Switch
KSA0M211 CK-COMPONENTS-KSA0M211 Datasheet
254Kb / 5P
   Sealed Tact Switch
KSA CK-COMPONENTS-KSA_V01 Datasheet
482Kb / 5P
   Sealed Tact Switch
2021
logo
ITT Industries
KSA ITT-KSA Datasheet
253Kb / 5P
   Sealed Tact Switch
logo
C&K Components
KSAKSL CK-COMPONENTS-KSAKSL Datasheet
481Kb / 5P
   Sealed Tact Switch
15 Oct 21
logo
Bourns Electronic Solut...
STXW BOURNS-STXW Datasheet
232Kb / 2P
   Sealed Tact Switch
logo
C&K Components
KSA0M212 CK-COMPONENTS-KSA0M212 Datasheet
198Kb / 2P
   High Performance Sealed Tact Switch
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com