Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16245 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCX16245
Description  Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16245 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCX16245 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Logic Diagrams
Note: Please note that these diagrams are provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
OEn
Output Enable Input
T/Rn
Transmit/Receive Input
A0–A15
Side A Inputs or 3-STATE Outputs
B0–B15
Side B Inputs or 3-STATE Outputs
NC
No Connect
1
234
56
A
B0
NC
T/R1
OE1
NC
A0
B
B2
B1
NC
NC
A1
A2
C
B4
B3
VCC
VCC
A3
A4
D
B6
B5
GND
GND
A5
A6
E
B8
B7
GND
GND
A7
A8
F
B10
B9
GND
GND
A9
A10
G
B12
B11
VCC
VCC
A11
A12
H
B14
B13
NC
NC
A13
A14
J
B15
NC
T/R2
OE2
NC
A15
Inputs
Outputs
OE1
T/R1
LL
Bus B0–B7 Data to Bus A0–A7
LH
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH Z State on A0–A7, B0–B7
Inputs
Outputs
OE2
T/R2
L
L
Bus B8–B15 Data to Bus A8–A15
L
H
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH Z State on A8–A15, B8–B15


Similar Part No. - 74LCX16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
79Kb / 9P
   LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUT (3-STATE)
74LCX16245 STMICROELECTRONICS-74LCX16245 Datasheet
260Kb / 15P
   Low voltage CMOS 16-bit bus transceiver (3-state) with 5V tolerant inputs and outputs
logo
ON Semiconductor
74LCX16245 ONSEMI-74LCX16245 Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
74LCX16245G ONSEMI-74LCX16245G Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
74LCX16245MEA ONSEMI-74LCX16245MEA Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
More results

Similar Description - 74LCX16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com