Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16373 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX16373
Description  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX16373 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX16373 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V, and 2.7V
VCC x 2 at VCC 2.5 r 0.2V
tPZH, tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V


Similar Part No. - 74LCX16373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
76Kb / 9P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH(3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX16373 STMICROELECTRONICS-74LCX16373 Datasheet
282Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
74LCX16373MEA ONSEMI-74LCX16373MEA Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Similar Description - 74LCX16373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com