Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16373G Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74LCX16373G
Description  Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16373G Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LCX16373G Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16373G Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 7.0
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to VCC  0.5
Output in HIGH or LOW State (Note 5)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
50
VO ! VCC
IO
DC Output Source/Sink Current
r50
mA
ICC
DC Supply Current per Supply Pin
r100
mA
IGND
DC Ground Current per Ground Pin
r100
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
05.5
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC 3.0V  3.6V
r24
mA
VCC 2.7V  3.0V
r12
VCC
2.3V
 2.7V
r8
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA 40qC to 85qC
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
 2.7
1.7
V
2.7
 3.6
2.0
VIL
LOW Level Input Voltage
2.3
 2.7
0.7
V
2.7
 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100 PA2.3  3.6
VCC  0.2
V
IOH 8 mA
2.3
1.8
IOH 12 mA
2.7
2.2
IOH 18 mA
3.0
2.4
IOH 24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL 100 PA2.3  3.6
0.2
V
IOL 8 mA
2.3
0.6
IOL 12 mA
2.7
0.4
IOL 16 mA
3.0
0.4
IOL 24 mA
3.0
0.55
II
Input Leakage Current
0
d VI d 5.5V
2.3
 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 5.5V
2.3
 3.6
r5.0
PA
VI VIH or VIL
IOFF
Power-Off Leakage Current
VI or VO 5.5V
0
10
PA


Similar Part No. - 74LCX16373G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX16373G ONSEMI-74LCX16373G Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results

Similar Description - 74LCX16373G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com