Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX16374MTD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74LCX16374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16374MTD Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX16374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 9Page - Fairchild Semiconductor 74LCX16374MTD Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
Physical Dimensions inches (millimeters) unless otherwise noted
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
Package Number BGA54A


Similar Part No. - 74LCX16374MTD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16374 ONSEMI-74LCX16374 Datasheet
237Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
STMicroelectronics
74LCX16374TTR STMICROELECTRONICS-74LCX16374TTR Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74LCX16374MTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
   Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16821 FAIRCHILD-74LCX16821 Datasheet
80Kb / 8P
   Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX821 FAIRCHILD-74LCX821 Datasheet
90Kb / 8P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX821 ONSEMI-74LCX821 Datasheet
196Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX16374 ONSEMI-74LCX16374 Datasheet
237Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com