Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-1270-B10 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-1270-B10
Description  Marvell짰 PXA270 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-1270-B10 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-1270-B10 Datasheet HTML 1Page - AAEON Technology TF-GENE-1270-B10 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-1
12
Features
Specifications
Touch Screen
RS-232
Power Input
USB Client
LAN
RS-232
USB Host
CRT
LCD
Inverter
Audio
Digital I/O
44-pin IDE
RS-485
USB Host
Packing List
RISC CPU Board With Marvell® PXA270 Processor
System
Form Factor
3.5”
Processor
Marvell® PXA270 520 MHz Processor
System Memory
Onboard 128 MB SDRAM
Ethernet
Davicom® DM9000AEP, 10/100Base-TX, RJ-45 x 1
Boot Loader
Microsoft® Windows® CE or Linux
Watchdog Timer
Generates a time-out system reset, setting via software
Expansion Interface
SDIO, Type 2 CompactFlash™
OS Support
Windows® CE 5.0/ Linux
Power Requirement
+9V ~ +24V DC
Power Consumption
(Typical)
520 MHz, 128 MB SDRAM
+12V @ 0.29A
Operating Temperature
32°F ~ 158°F (0°C ~ 70°C)
Board Size
5.75” (L) x 4” (W) (146 mm x 101.6 mm)
Gross Weight
0.88 lb (0.4 Kg)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
100,000
Display
Supports CRT & LCD
Chipset
PXA270
Resolutions
Up to 640 x 480@16bpp colors
LCD Interface
TTL TFT LCD
I/O
Storage
SanDisk® mDOC 128 MB, EIDE x 1
Serial Port
RS-232 x 1, RS-232/485 x 1
USB
USB1.1 host x 4, USB1.1 client x 1
Digital I/O
Supports 10-bit (Programmable)
Audio
Line-out, Stereo Amplifier included
Touch Screen
Supports 4-wire resistive touchscreen
Product CD
GENE-1270
GENE-1270
Marvell® PXA270 Processor
Onboard 128 MB SDRAM
10/100Base-TX Ethernet
VGA/ TTL LCD
2CH AC97 Audio
Onboard 128 MB SanDisk® mDOC
CompactFlash™, SDIO
COM Port x 2, USB1.1 Host x 4, USB1.1 Client x 1
Windows® CE 5.0/ Linux
+9V to +24V DC Input


Similar Part No. - TF-GENE-1270-B10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-1270-B10 AAEON-TF-GENE-1270-B10 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
TF-GENE-1270-B10-02 AAEON-TF-GENE-1270-B10-02 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
More results

Similar Description - TF-GENE-1270-B10

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
logo
Intel Corporation
FWPXA270C5E416 INTEL-FWPXA270C5E416 Datasheet
1Mb / 28P
   Intel짰 PXA270 Processor
logo
Fairchild Semiconductor
XMT5 FAIRCHILD-XMT5 Datasheet
114Kb / 1P
   Vehicle Mount Terminal with Marvell짰 PXA 320 Processor
logo
AAEON Technology
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
logo
Advantech Co., Ltd.
SOM-A2709 ADVANTECH-SOM-A2709 Datasheet
383Kb / 2P
   SOM with Marvell XScale PXA270 processor Windows CE 5.0
logo
Actel Corporation
PXA270 ACTEL-PXA270 Datasheet
249Kb / 2P
   Storage solution for PXA270 platform
logo
Bel Fuse Inc.
G10-1GHN-056 BEL-G10-1GHN-056 Datasheet
795Kb / 2P
   10GBASE-T ICMs Marvell짰 Compatible ICMs
logo
Advantech Co., Ltd.
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
PCM-7221-0K0CE1E ADVANTECH-PCM-7221-0K0CE1E Datasheet
229Kb / 2P
   OS-ready XScale짰 PXA270 Windows짰 CE 5.0 Evaluation Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com