Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-GENE-6350-A20-01 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-GENE-6350-A20-01
Description  Onboard Intel짰 Ultra Low Voltage Celeron짰
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-GENE-6350-A20-01 Datasheet(HTML) 1 Page - AAEON Technology

  TF-GENE-6350-A20-01 Datasheet HTML 1Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Computing Platform Service Partner
Logo must with
Logo must with
AAEON Blue: PANTONE DS 206-1C
AAEON Red: C=15, M=90, Y=70, K=10
Font of Slogan: Century Cothic with Bold Italic
Features
Specifications
02
Note: All specifications are subject to change without notice.
02-3
1701440500
IDE Cable
1701340600
Floppy Disk Drive Cable
1701260200
Parallel Port Cable
1701100206
COM Port Cable
1700140510
Audio Cable
1700140164
6 Channel Audio Cable
1700080180
TV-out & S-terminal Cable (For TV-out model)
1700200200
DVI Cable (For DVI model)
1700060192
Keyboard/Mouse Cable
1709100201
USB Cable
9657666600
Jumper Cap
QuickInstallationGuide
UtilityCD
GENE-6350
Packing List
TF-GENE-6350-A20
3.5” Board, UV ICP 400, LCD-TV, DDR, LAN, Audio, 4 COM, USB2.0, CF, Mini PCI, Rev.A2.0
TF-GENE-6350-A20-01
3.5” Board, UV ICP 400, LCD-DVI, DDR, LAN, Audio, 4 COM, USB2.0, CF, Mini PCI, Rev.A2.0
TF-GENE-6350-A20-02
3.5” Board, UV ICP 650, LCD-TV, DDR, LAN, Audio, 4 COM, USB2.0, CF, Mini PCI, Rev.A2.0
TF-GENE-6350-A20-03
3.5” Board, UV ICP 650, LCD-DVI, DDR, LAN, Audio, 4 COM, USB2.0, CF, Mini PCI, Rev.A2.0
Ordering Information
Intel® Ultra Low Voltage Celeron®Processor
System
Form Factor
3.5”
Processor
Onboard Intel® Ultra Low Voltage Celeron® 400/ 650MHz Processor
System Memory
200-pin DDR SODIMM x 1, Max. 512MB (DDR266)
Chipset
VIA CLE 266 + VIA VT8235
I/O Chipset
Winbond W83697UF
Ethernet
Realtek RTL8100BL, 10/100Base-TX, RJ-45 connector x 1
BIOS
AWARD 256KB FLASH ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltage, Fan speed and temperatures monitoring
Solid Storage Disk
Type II CompactFlash™ slot x 1
Expansion Interface
Mini PCI x 1
Battery
Lithium battery
Power Requirement
+5V/AT/ATX
Power Consumption
(Typical)
Intel® Celeron® 400MHz & 650MHz, DDR333 512MB
AT Power
For 400MHz: 2.14 A@5V
For 650MHz: 2.51 A@5V
Board Size
5.75”(L) x 4”(W) (146mm x 101.6mm)
Gross Weight
0.88 lb (0.4 kg)
Operating Temperature
32ºF~ 140ºF (0ºC ~ 60ºC)
Storage Temperature
-40ºF~176ºF (-40ºC~80ºC)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
94,819
Display
Supports CRT/ LCD, LCD/ TV (DVI) and CRT/ TV (DVI) simultaneous display
Supports CRT/ LCD, LCD/ TV (DVI), CRT/ TV (DVI) dual view (For Windows®
98/XP only)
Chipset
VIA CLE 266
Memory
Shared system memory up to 64MB
Resolutions
Up to 1280x1024@24bpp colors for CRT
Up to 1024x768@24bpp colors for LCD
LCD Interface
Up to 24 bit TTL TFT LCD
TV-out
Supports NTSC and PAL standard, S-Terminal and Composite Video
I/O
MIO
EIDE x 1 (UDMA100 x 1), Floppy Disk Drive x 1, Keyboard+Mouse x 1,
RS-232 x 3, RS-232/422/485 x 1, Parallel x 1
IrDA
One IrDA Tx/Rx header
Audio
MIC-in, Line-in, Line-out, Speaker-out 5.1 output, CD-in, S/P DIF in/ out
USB
Two 5x2 pin headers support 4 USB2.0 ports
Digital I/O
Supports 8-bit (Programmable)
CRT D-Sub
Floppy Disk Drive
Connector
44-pin IDE Connector
Audio Connectors
Printer Port Pin Header
USB Pin Headers
CFD Slot (Back)
TTL LCD
Pin Header
PS/2 Keyboard &
Mouse Mini-DIN
Power Input
Connector
COM Port
Pin Header
COM Port D-Sub
RJ-45 Ethernet Connector
1702200205
Conversion Cable for AT to ATX Power Supply
(200 ± 10 mm)
TF-PER-C10L-A10
Mini PCI 10/100 Base-TX Ethernet Module with
Realtek 8100C
TF-PER-C10L-A10-01
Mini PCI 10/100/1000 Base-TX Ethernet Module
with Realtek 8110S
TF-PER-C10L-A10-02
Mini PCI 10/100 Base-TX Ethernet Module with
Intel® 82551QM
TF-PER-C10L-A10-03
Mini PCI 10/100/1000 Base-TX Ethernet Module
with Intel® 82541GI
TF-PER-C30F-A10
Mini PCI 3-port IEEE 1394a Module
TF-PER-V30C-A10
Mini PCI Single Channel Capture Module with
Philips SAA7135
TF-PER-C40C-A10
Mini PCI 2-port RS-232 Module Rev. A1.0
TF-PER-C40C-A10-01
Mini PCI 4-port RS-232 Module Rev. A1.0
Optional Accessories
GENE-6350
OnboardIntel®UltraLowVoltageCeleron®
Processor
Upto24-bitTTLTFTLCD
10/100Base-TXFastEthernet
AC973DSurround5.1ChannelAudio
SupportsTypeIICompactFlash™
COMx4/USBx4/TV-out/DigitalI/OPorts
+5VOnlyOperation


Similar Part No. - TF-GENE-6350-A20-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-GENE-6310-B11 AAEON-TF-GENE-6310-B11 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
TF-GENE-6310-B11 AAEON-TF-GENE-6310-B11 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
TF-GENE-6310-B11-01 AAEON-TF-GENE-6310-B11-01 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
TF-GENE-6310-B11-01 AAEON-TF-GENE-6310-B11-01 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
TF-GENE-6310-B11-02 AAEON-TF-GENE-6310-B11-02 Datasheet
662Kb / 1P
   Onboard VIA C3??Low Power Processor
More results

Similar Description - TF-GENE-6350-A20-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-6892B AAEON-PCM-6892B Datasheet
665Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 Processors
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
AOP-8120HT.WT AAEON-AOP-8120HT.WT Datasheet
479Kb / 2P
   12.1??TFT LCD, Onboard Ultra Low Voltage Intel짰 Celeron짰 Processor at 650MHz
PFM-620S AAEON-PFM-620S Datasheet
670Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰Processor
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
AEV-6356 AAEON-AEV-6356 Datasheet
359Kb / 2P
   Intel짰 Core??i7-3517UE or Celeron짰 847E Onboard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com