Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX240MTCX_NL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCX240MTCX_NL
Description  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX240MTCX_NL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX240MTCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74LCX240MTCX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011993
www.fairchildsemi.com
February 1994
Revised March 2005
74LCX240
Low Voltage Octal Buffer/Line Driver with
5V Tolerant Inputs and Outputs
General Description
The LCX240 is an inverting octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver. The
device is designed for low voltage (2.5V or 3.3V) VCC appli-
cations with capability of interfacing to a 5V signal environ-
ment.
The LCX240 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s 6.5 ns tPD max (VCC 3.3V), 10 PA ICC max
s Power-down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
r24 mA output drive (VCC 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 2: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Diagram
Connection Diagram
Order Number
Package
Package Description
Number
74LCX240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX240SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX240MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74LCX240MTCX_NL
(Note 2)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - 74LCX240MTCX_NL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LCX240MTCX NSC-74LCX240MTCX Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX240MTCX_NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com