Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX245SJ Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 74LCX245SJ
Description  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX245SJ Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 74LCX245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 9Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 10Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 11Page - Fairchild Semiconductor 74LCX245SJ Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
Package Number M20D


Similar Part No. - 74LCX245SJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX245SJ ONSEMI-74LCX245SJ Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCX245SJ FAIRCHILD-74LCX245SJ_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX245SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCXZ245 FAIRCHILD-74LCXZ245 Datasheet
105Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com