Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z60-3.5-U Datasheet(PDF) 1 Page - TDK Electronics

Part # Z60-3.5-U
Description  200 to 800W Programmable Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

Z60-3.5-U Datasheet(HTML) 1 Page - TDK Electronics

  Z60-3.5-U Datasheet HTML 1Page - TDK Electronics Z60-3.5-U Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
120
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
Z+ Series
Features
u 2U high
u Built-in USB, RS-232 & RS-485 Interface
u Optional LAN, GPIB & Isolated Analog Programming
u Bench or Rack Mount
u Constant Current or Voltage Modes
u Five Year Warranty
200 to 800W Programmable Power Supplies
Key Market Segments & Applications
Voltage
Current
Max
Ripple
Noise
Ripple
Efficiency
Front Panel
Adjust
Adjust
Power
5Hz-1MHz
20MHz BW
5Hz-1MHz
%
Output Jacks
Model
Range
Range
(W)
(mV)
(mV)
(mA)
(100-200VAC)
(Option)
Z10-20-U
0 - 10
0 - 20
200
5
50
50
80 / 82
Yes
Z10-40-U
0 - 10
0 - 40
400
5
50
50
80 / 82
Yes
Z10-60-U
0 - 10
0 - 60
600
6.25
75
75
80 / 82
Yes
Z10-72-U
0 - 10
0 - 72
720
6.25
75
75
80 / 82
Yes
Z20-10-U
0 - 20
0 - 10
200
5
50
30
82 / 84
Yes
Z20-20-U
0 - 20
0 - 20
400
5
50
30
81 / 83
Yes
Z20-30-U
0 - 20
0 - 30
600
6.25
75
45
82 / 84
Yes
Z20-40-U
0 - 20
0 - 40
800
6.25
75
45
82 / 84
Yes
Z36-6-U
0 - 36
0 - 6
216
5
50
15
83 / 85
Yes
Z36-12-U
0 - 36
0 - 12
432
5
50
15
83 / 85
Yes
Z36-18-U
0 - 36
0 - 18
648
6.25
75
22
84 / 85
Yes
Z36-24-U
0 - 36
0 - 24
864
6.25
75
22
84 / 85
Yes
Z60-3.5-U
0 - 60
0 - 3.5
210
5
50
8
83 / 85
Yes
Z60-7-U
0 - 60
0 - 7
420
5
50
8
83 / 85
Yes
Z60-10-U
0 - 60
0 - 10
600
6.25
75
12
83 / 85
Yes
Z60-14-U
0 - 60
0 - 14
840
6.25
75
12
83 / 85
Yes
Z100-2-U
0 - 100
0 - 2
200
8
80
3
83 / 85
No
Z100-4-U
0 - 100
0 - 4
400
8
80
3
84 / 86
No
Z100-6-U
0 - 100
0 - 6
600
10
100
4.5
84 / 86
No
Z100-8-U
0 - 100
0 - 8
800
10
100
4.5
84 / 86
No
Model Selector
Part Number
19” Rack Housing
(Accepts four 105mm width units or six 70mm width units)
Z-NL100
Blanking Panel for 19” Rack (70mm)
Z-BP
Blanking Panel for 19” Rack (105mm)
Z-WBP
Dual/Triple Housing
(Accepts two 105mm case units or three 70mm case units)
Z-NL200
Serial Link Cable (One is included with each power supply)
Z-RJ45
Communication Cable RS485
Z-485-9
Communication Cable RS232
Z-232-9
North American Line Cord (One included with -U suffix)
Z-U
Accessories
Option Code
Front panel terminals (60V or 24A max)*
-L
Only one of the options below can be included:
GPIB Interface*
-IEEE
Voltage Programming Isolated Analog Interface*
-IS510
Current Programming Isolated Analog Interface*
-IS420
LAN Interface (Complies with “LXI” Class C)
-LAN
*Requires wide body (105mm) case style
Factory Installed Options
Z10-20-LAN-L-U
Part Number Example


Similar Part No. - Z60-3.5-U

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
Z60-3.5-IEEE-U TDK-Z60-3.5-IEEE-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 10, 2022
Z60-3.5-IS420-U TDK-Z60-3.5-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 10, 2022
Z60-3.5-IS510-U TDK-Z60-3.5-IS510-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 10, 2022
Z60-3.5-L-U TDK-Z60-3.5-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 10, 2022
Z60-3.5-LAN-L-U TDK-Z60-3.5-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 10, 2022
More results

Similar Description - Z60-3.5-U

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
Z36-12-IEEE-U TDK-Z36-12-IEEE-U Datasheet
159Kb / 2P
   200 to 800W Programmable Power Supplies
logo
List of Unclassifed Man...
Z10-20-LAN-L-U ETC2-Z10-20-LAN-L-U Datasheet
159Kb / 1P
   200 to 800W Programmable Power Supplies
logo
COTEK ELECTRONIC IND. C...
AE-800 COTEK-AE-800 Datasheet
2Mb / 6P
   800W Programmable Single Output
22/02/16
logo
List of Unclassifed Man...
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
logo
DENSEI-LAMBDA
ZUP10 LAMBDA-ZUP10 Datasheet
391Kb / 3P
   Zero-up CV/CC 200 ~ 800W
logo
TDK Electronics
GSPS500-120-3P208 TDK-GSPS500-120-3P208 Datasheet
171Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-20-LAN-U TDK-Z10-20-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z10-40-LAN-L-U TDK-Z10-40-LAN-L-U Datasheet
177Kb / 2P
   Programmable Power Supplies
May 04, 2022
Z20-10-LAN-U TDK-Z20-10-LAN-U Datasheet
135Kb / 2P
   Programmable Power Supplies
May 09, 2022
Z20-30-IS420-U TDK-Z20-30-IS420-U Datasheet
161Kb / 2P
   Programmable Power Supplies
May 09, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com