Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-D2006-B301 Datasheet(PDF) 3 Page - Tyco Electronics

Part # V23079-D2006-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-D2006-B301 Datasheet(HTML) 3 Page - Tyco Electronics

  V23079-D2006-B301 Datasheet HTML 1Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 2Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 3Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 4Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 5Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 6Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 7Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 8Page - Tyco Electronics V23079-D2006-B301 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
3 of 14
2 pole telecom relay, polarized,
Through Hole Type (THT) or
Surface Mount Technology (SMT),
Relay types: non-latching with 1 coil
latching with 2 coils
latching with 1 coil
ROHS compliant (Directive 2002/95/EC) as per
product date code 0427.
Features
• Standard telecom relay (ringing and test access)
• Slim line 15 x 7.5 mm, 0.590 x 0.295 inch
• Switching current 5 A
• 2 changeover contacts (2 form C / DPDT)
• Bifurcated contacts
• Immersion cleanable
• High sensitivity results in low nominal power
consumption 140 mW for non-latching and latching
with 2 coils 70 mW for latching with 1 coil
• For single coil version:
• Surge voltage resistance between
contact and coil for single coil version:
• 2.5 kV (2 / 10 µs) meets the Telcordia
Requirement GR-1089
• 1.5 kV (10 / 160 µs) meets FCC Part 68
Typical applications
• Communications equipment linecard application
(ringing and test access)
PABX
Voice over IP
• Office equipment
• Measurement and control equipment
• Automotive equipment
CAN bus, keyless entry, speaker switch
• Medical equipment
• Consumer electronics
Set Top Boxes, HiFi
Options
• 1500 Vrms between open contacts
Insulation category
Basic insulation according
IEC / EN 60950
Working voltage
≤ 300 Vrms
Mains supply voltage
≤ 250 Vrms
Repetitive peak voltage
2500 V
Pollution degree
Internal: 1
External: 2
Flammability classification
V-0
Maximum operating temperature
85 °C


Similar Part No. - V23079-D2006-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-D2006-B301 MACOM-V23079-D2006-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-D2006-B301 MACOM-V23079-D2006-B301 Datasheet
2Mb / 8P
   Signal Relays
More results

Similar Description - V23079-D2006-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com