Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-H1201-B301 Datasheet(PDF) 7 Page - Tyco Electronics

Part # V23079-H1201-B301
Description  P2 V23079 Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-H1201-B301 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button V23079-H1201-B301 Datasheet HTML 3Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 4Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 5Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 6Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 7Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 8Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 9Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 10Page - Tyco Electronics V23079-H1201-B301 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AXICOM
Telecom-, Signal and RF Relays
P2 V23079 Relay
108-98002 Rev. D
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7 of 14
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U
nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U
min
Maximum
voltage U
max
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
THT Standard non-latching coil
3
2.25
6.50
0.30
140
64
V23079-A1008-B301
2-1393788-2
4
3.00
8.70
0.40
140
114
V23079-A1016-B301
2-1393788-9
4.5
3.38
9.80
0.45
140
145
V23079-A1011-B301
2-1393788-4
5
3.75
10.90
0.50
140
178
V23079-A1001-B301
1393788-3
6
4.50
13.00
0.60
140
257
V23079-A1002-B301
1393788-8
9
6.75
19.60
0.90
140
578
V23079-A1006-B301
2-1393788-0
12
9.00
26.15
1.20
140
1029
V23079-A1003-B301
1-1393788-1
24
18.00
52.30
2.40
140
4114
V23079-A1005-B301
1-1393788-6
THT non-latching, overmolded coil
3
2.25
6.50
0.30
140
64
V23079-A2008-B301
6-1419120-6
4.5
3.38
9.80
0.45
140
145
V23079-A2011-B301
3-1393789-9
5
3.75
10.90
0.50
140
178
V23079-A2001-B301
3-1393789-5
6
4.50
13.00
0.60
140
257
V23079-A2002-B301
3-1393789-6
9
6.75
19.60
0.90
140
578
V23079-A2006-B301
3-1393789-8
12
9.00
26.15
1.20
140
1029
V23079-A2003-B301
3-1393789-7
THT latching 2 standard coils
3
2.25
6.50
2.25
140
64
V23079-B1208-B301
4-1393788-1
4.5
3.38
9.80
3.38
140
145
V23079-B1211-B301
4-1393788-2
5
3.75
10.90
3.75
140
178
V23079-B1201-B301
3-1393788-3
6
4.50
13.00
4.50
140
257
V23079-B1202-B301
3-1393788-5
9
6.75
19.60
6.75
140
578
V23079-B1206-B301
3-1393788-9
12
9.00
26.15
9.00
140
1029
V23079-B1203-B301
3-1393788-6
24
18.00
52.30
18.00
140
4114
V23079-B1205-B301
3-1393788-7
THT latching 2 overmolded coils
2
1.50
4.30
1.50
140
28
V23079-B2219-B301
1-1422002-2
2.4
1.80
5.20
1.80
140
41
V23079-B2218-B301
1-1422002-1
3
2.25
6.50
2.25
140
64
V23079-B2208-B301
1-1422002-0
5
3.75
10.90
3.75
140
178
V23079-B2201-B301
1422002-9
THT latching 1 standard coil
3
2.25
9.20
2.25
70
128
V23079-C1108-B301
5-1393788-3
4.5
3.38
13.85
3.38
70
289
V23079-C1111-B301
5-1393788-4
5
3.75
15.33
3.75
70
357
V23079-C1101-B301
4-1393788-5
6
4.50
18.50
4.50
70
514
V23079-C1102-B301
4-1393788-7
9
6.75
27.75
6.75
70
1157
V23079-C1106-B301
5-1393788-1
12
9.00
37.00
9.00
70
2057
V23079-C1103-B301
4-1393788-8
24
18.00
74.00
18.00
70
8228
V23079-C1105-B301
5-1393788-0
SMT long pins, non-latching, standard coil
3
2.25
6.50
0.30
140
64
V23079-D1008-B301
6-1393788-1
4.5
3.38
9.80
0.45
140
145
V23079-D1008-B301
6-1393788-2
5
3.75
10.90
0.50
140
178
V23079-D1008-B301
5-1393788-5
6
4.50
13.00
0.60
140
257
V23079-D1008-B301
5-1393788-6
9
6.75
19.60
0.90
140
578
V23079-D1008-B301
5-1393788-9
12
9.00
26.15
1.20
140
1029
V23079-D1008-B301
5-1393788-7
24
18.00
52.30
2.40
140
4114
V23079-D1008-B301
5-1393788-8
SMT long pins, non-latching, overmolded coil
3
2.25
6.50
0.30
140
64
V23079-D2008-B301
4-1393789-7
4.5
3.38
9.80
0.45
140
145
V23079-D2011-B301
4-1393789-8
5
3.75
10.90
0.50
140
178
V23079-D2001-B301
4-1393789-3
6
4.50
13.00
0.60
140
257
V23079-D2002-B301
4-1393789-4
9
6.75
19.60
0.90
140
578
V23079-D2006-B301
4-1393789-6
12
9.00
26.15
1.20
140
1029
V23079-D2003-B301
4-1393789-5
Further coil versions are available on request.


Similar Part No. - V23079-H1201-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-H1201-B301 MACOM-V23079-H1201-B301 Datasheet
716Kb / 11P
   P2 Relay
V23079-H1201-B301 MACOM-V23079-H1201-B301 Datasheet
2Mb / 8P
   Signal Relays
More results

Similar Description - V23079-H1201-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079 MACOM-V23079 Datasheet
716Kb / 11P
   P2 Relay
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com