Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL101B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL101B
Description  Surface Mount Si-Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL101B Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL101B Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL101B ... LL101C
LL101B ... LL101C
Surface Mount Si-Schottky Diodes
Si-Schottky-Dioden für die Oberflächenmontage
Version 2013-04-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
15 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
40...50 V
Glass case MiniMELF
Glasgehäuse MiniMELF
SOD-80C
Weight approx.
Gewicht ca.
0.04g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Forward voltage
Durchlass-Spannung
VF [V] / IF = 1 mA
VF [V] / IF = 15 mA
LL101C
40
< 0.39
< 0.9
LL101B
50
< 0.4
< 0.95
Power dissipation
Verlustleistung
TA = 25°C
Ptot
400 mW 1)
Peak forward surge current, 10 µs square pulse
Stoßstrom für einen 10 µs Rechteckimpuls
TA = 25°C
IFSM
2 A
Leakage current, Tj = 25°C
Sperrstrom, Tj = 25°C
LL101C
LL101B
VR = 30 V
VR = 40 V
IR
IR
< 200 nA
< 200 nA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Cj
2.2 pF
Reverse recovery time – Sperrverzug
IF = 5 mA through/über IR = 5 mA to IR = 0.5 mA
trr
typ. 1 ns
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+200°C
-55…+200°C
Thermal Resistance Junction – Ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
<300 K/W 1)
1
Valid, if terminals are kept at ambient temperature
Gültig, wenn die Anschlüsse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - LL101B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101B SEMTECH-LL101B Datasheet
170Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications
logo
Vishay Siliconix
LL101B VISHAY-LL101B Datasheet
125Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 05-Aug-10
logo
General Semiconductor
LL101B GE-LL101B Datasheet
107Kb / 3P
   Schottky Diodes
logo
Vishay Siliconix
LL101B VISHAY-LL101B Datasheet
73Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.3, 05-Aug-10
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B Datasheet
96Kb / 1P
   Surface Mount Si-Schottky Barrier Diodes
More results

Similar Description - LL101B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW Datasheet
101Kb / 2P
   Surface Mount Si-Schottky Diodes
LL101B DIOTEC-LL101B_10 Datasheet
87Kb / 1P
   Surface Mount Si-Schottky Diodes
SD103AW DIOTEC-SD103AW Datasheet
102Kb / 2P
   Surface Mount Si-Schottky Diodes
LL101A DIOTEC-LL101A_07 Datasheet
52Kb / 1P
   Surface Mount Si-Schottky Diodes
LL103A DIOTEC-LL103A_13 Datasheet
136Kb / 1P
   Surface Mount Si-Schottky Diodes
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
   Surface Mount Si-Schottky Barrier Diodes
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
   Surface Mount Si-Schottky Barrier Diodes
LL103A DIOTEC-LL103A_07 Datasheet
52Kb / 1P
   Surface Mount Si-Schottky Diodes Si-Schottky-Dioden fur die Oberflahenmontage
BR100-03LLD DIOTEC-BR100-03LLD Datasheet
96Kb / 2P
   Surface Mount Bidirectional Si-Trigger-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com