Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-AOP-8080XT-P2-1110 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-AOP-8080XT-P2-1110
Description  Onboard Intel짰 Celeron짰 M Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-AOP-8080XT-P2-1110 Datasheet(HTML) 1 Page - AAEON Technology

  TF-AOP-8080XT-P2-1110 Datasheet HTML 1Page - AAEON Technology TF-AOP-8080XT-P2-1110 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
Features
Specifications
Note: All specifications are subject to change without notice.
03-9
Onboard Intel® Celeron® M Processor
8.4 “ SVGA Color TFT LCD Display
Slim, Fanless, Rugged Design
Touch Screen and CompactFlash™ Card Support
Windows® XP Embedded Support
10/100Base-TX Ethernet
Dual Independent Displays
Fanless Solution (Intel® Celeron® M 600 MHz Processor)
8.4” SVGA TFT-LCD, Windows® XP Embedded, Windows® 7 OS Operator Panel PC
System
Processor
Intel® Celeron® M 1.3 GHz/ 600 MHz
System Memory
Onboard 256/ 512 MB
Storage Memory
1 GB CompactFlash™ / Hard Disk Drive bay
LCD/CRT Controller
Intel® 852GM
Ethernet
Intel® 82562, 10/100Base-TX, RJ-45 x 1
I/O Port
RS-232 (DB-9) x 2
USB2.0 x 3
VGA x 1
Audio Line out x 1
PS/2 (keyboard + mouse Mini-Din port) x 1
Solid Storage Disk
Type II CompactFlash™ (open slot)
Expansion Slot
CompactFlash™, Mini-PCI
OS Support
Windows® XP Embedded, XP Pro for Embedded
Mechanical
Construction
IP-65 Plastic panel with metal backcover
Color
Front Bezel: Black
Back Cover: Silver
Mounting
VESA 75
Dimension
9.65” x 7.2” x 2.4” (245mm x 183mm x 61mm)
Carton Dimension
11.5” x 7.68” x 9.65” (292mm x 195mm x 245mm)
Gross Weight
5.5 lb (2.5 kg)
Net Weight
4.4 lb (2 kg)
Environmental
Operating Temperature
32°F ~ 122°F (0°C ~ 50°C)- TF-AOP-8080XT-A1/P1
32°F ~ 104°F (0°C ~ 40°C)- TF-AOP-8080XT-A2/P2
Storage Temperature
-4°F ~ 140°F (-20°C ~ 60°C)
Storage Humidity
10 ~90%@40°C, non-condensing
Vibration
Random Operation 1 G, 5~500Hz
Shock
15G peak acceleration (11m sec. duration) / operation
EMC
CE/FCC Class A
Power Supply
DC-DC Input, 50W
Input: 5V DC
LCD
Display Type
8.4” TFT- LCD
Max. Resolution
800 x 600
Max. Color
262,144
Dot Size
0.213 x 0.213
Luminance
450 cd/m2 (Typical)
View Angle
120˚(H)/100˚(V)
Back Light MTBF (Hours)
50,000
Touchscreen
Type
4-wire, Analog Resistive
Resolution
2048 x 2048
Light Transmission
> 80%
Lifetime
10 million activations
AOP-8080XT
8.4” TFT LCD (800 x 600)
Power LED
LAN Port
COM Port x 2
VGA Port
CompactFlash™ Type II Socket
USB x 3
Line-out
Power On/Off
Power Connection


Similar Part No. - TF-AOP-8080XT-P2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-AOP-8070HT-E1 AAEON-TF-AOP-8070HT-E1 Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
TF-AOP-8070HT-E2 AAEON-TF-AOP-8070HT-E2 Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
More results

Similar Description - TF-AOP-8080XT-P2-1110

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
GENE-6350 AAEON-GENE-6350 Datasheet
658Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰
logo
Advantech Co., Ltd.
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
   6U CompactPCI Intel짰 Celeron짰 M Processor Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com