Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOP-8120XT Datasheet(PDF) 1 Page - AAEON Technology

Part # AOP-8120XT
Description  Onboard Intel짰 Celeron짰 M Low Power CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AOP-8120XT Datasheet(HTML) 1 Page - AAEON Technology

  AOP-8120XT Datasheet HTML 1Page - AAEON Technology AOP-8120XT Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03
Features
Specifications
Note: All specifications are subject to change without notice.
03-7
PS/2 Keyboard Mouse
Power On/Off
Line-out/Line-in/Mic-in
COM x 3
USB2.0 x 4
IP-65 Certified
Front Panel with
TouchScreen
Parallel
VGA
Digital I/O
10/100Base-TX Ethernet
Connection
Optional: 10/100 or
10/100/1000Base-TX
Ethernet
Power
Onboard Intel® Celeron® M Low Power CPU
12.1” SVGA Color TFT LCD Display With Touch Control
Windows® 2000, XP Pro For Embedded, XP Embedded
Support
Second LAN 10/100Base-TX Or Gigabit Ethernet Support
(Optional)
Fanless Solution (Celeron® M 600 MHz)
12” Ultra Low Voltage Intel® Pentium®/ Celeron® M Processor-Based Fanless Operator Panel PC
System
Processor
Intel® Pentium® M 1.6 GHz or Celeron® M 1.3 GHz/ 600 MHz (Fanless
processor)
Memory (Optional)
Onboard 512/256 MB (up to 1 GB)
LCD/CRT Controller
Intel® 852GM + Chrontel 7009
Ethernet
10/100Base-TX RJ-45 x 1, 10/100 or 10/100/1000Base-TX RJ-45 x 1 (optional)
I/O Port
RS-232 x 2, RS-232/422/485 x 1,Mic-in/Mic-out/Line-in
parallel x 1, PS/2 mouse x 1, PS/2 keyboardx 1, VGA x 1, USB2.0 x 4
Digital I/O (Supports up to 8 in or 8 out)
Storage Disk Drive (Optional)
2.5” Hard Disk Drive bay (Anti-vibration), CompactFlash™ (internal)
Expansion Slot
Mini-PCI Slot x 1 (Internal)
OS Support
Windows® 2000, Windows® XP Pro for Embedded, Windows® XP
Embedded
Mechanical
Construction
IP-65 certified Panel with metal back cover
Front Panel Color
PMS 2965C (Dark Blue)
Mounting
Panelmount, VESA 75/100mm
Dimension
12.5” (W) x 9.6” (H) x 2.5” (D) (317mm x 243mm x 64mm)
Carton Dimension
16.6” (W) x 7.7” (H) x 15.9”(D) (422mm x 196mm x 404mm)
Gross Weight
9.9 lb (4.5 kg)
Net Weight
7.7 lb (3.5 kg)
Environmental
Operating Temperature
32°F ~ 104°F (0°C ~40°C)
Storage Temperature
-4°F ~ 140°F (-20°C ~60°C)
Storage Humidity
10% to 90%@ 40°C, non-condensing
Vibration
1.0G Random Operation, 5~500Hz
Shock
15G peak acceleration (11m sec. duration) / operation
Safety
UL60950 Mark
EMC
CE/FCC Class A
Power Supply
Power Input
AC 100~240V/DC48V input
LCD
Display Type
12.1” TFT LCD
Max. Resolution
1024 x 768
Max. Colors
262K
Dot Size
0.3075mm x 0.3075mm
Luminance (Typical)
200 cd/m2
Viewing Angle
90°(H) / 70°(V)
TouchScreen
Type
8-wire, Analog Resistive
Resolution
2048 x 2048
Light Transmission
>78%
Lifetime
1 million activations
Anti-vibration Hard Disk
Drive Bay
75/100 VESA Mounting
Holes
AOP-8120XT


Similar Part No. - AOP-8120XT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-8120HT.WT AAEON-AOP-8120HT.WT Datasheet
479Kb / 2P
   12.1??TFT LCD, Onboard Ultra Low Voltage Intel짰 Celeron짰 Processor at 650MHz
More results

Similar Description - AOP-8120XT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FOX-150 AAEON-FOX-150 Datasheet
459Kb / 2P
   Onboard Intel짰 Low Power Celeron짰 M Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
GENE-6350 AAEON-GENE-6350 Datasheet
658Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
logo
Advantech Co., Ltd.
SOM-4486 ADVANTECH-SOM-4486 Datasheet
302Kb / 2P
   Intel짰 Celeron짰 M, 852GM ETX CPU Module
logo
AAEON Technology
PCM-6892B AAEON-PCM-6892B Datasheet
665Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 Processors
logo
Advantech Co., Ltd.
PCM-3386 ADVANTECH-PCM-3386 Datasheet
1Mb / 3P
   Intel짰 Celeron짰 M PCI-104 CPU Module
09-Nov-2009
logo
AAEON Technology
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com