Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-303CEH-Q Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS9-303CEH-Q
Description  Radiation Hardened BiCMOS Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-303CEH-Q Datasheet(HTML) 3 Page - Intersil Corporation

  HS9-303CEH-Q Datasheet HTML 1Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 2Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 3Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 4Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 5Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 6Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 7Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 8Page - Intersil Corporation HS9-303CEH-Q Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HS-303CEH
3
FN8399.1
April 19, 2013
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
±VSUPPLY to Ground (V+, V-) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±17.5V
Analog Input Voltage
(+VS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+VSUPPLY +1.5V
(-VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -VSUPPLY -1.5V
Digital Input Voltage
(+VA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +VSUPPLY +4V
(-VA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-VSUPPLY -4V
Peak Current (S or D)
(Pulse at 1ms, 10% Duty Cycle Max) . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Continuous Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
Flatpack Package (Notes 1, 2) . . . . . . . . . .
105
17
Package Power Dissipation at 125°C
Flatpack Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.48W/°C
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . . . . . . . .300°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+175°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Operating Supply Voltage Range (±VSUPPLY) . . . . . . . . . . . . . . . . . . . . ±15V
Analog Input Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VSUPPLY
Logic Low Level (VAL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0V to 0.8V
Logic High Level (VAH) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.0V to +VSUPPLY
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For
θJC, the “case temp” location is the center of the package underside.
Electrical Specifications VSUPPLY = ±15V unless otherwise specified. Boldface limits apply across the operating temperature range,
-55°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 5) TYP
MAX
(Note 5)
UNITS
+rDS(ON) “Switch On” Resistance
VD = 10V, IS = -10mA
35
75
-rDS(ON)
“Switch On” Resistance
VD = -10V, IS = 10mA
35
75
+IS(OFF)
Leakage Current into Source of an “OFF” Switch VS = +14V, VD = -14V
-150
0.05
150
nA
VS = +15V, VD = -15V
-20
20
µA
-IS(OFF)
Leakage Current into Source of an “OFF” Switch VS = -14V, VD = +14V
-150
0.5
150
nA
VS = -15V, VD = +15V
-20
20
µA
+ID(OFF)
Leakage Current into Drain of an “OFF” Switch
VS = +14V, VD = -14V
-150
0.05
150
nA
VS = +15V, VD = -15V
-20
20
µA
-ID(OFF)
Leakage Current into Drain of an “OFF” Switch
VS = -14V, VD = +14V
-150
0.5
150
nA
VS = -15V, VD = +15V
-20
20
µA
+ID(ON)
Leakage Current from an “ON” Driver into the
Switch (Drain and Source)
VS = +14V, VD = +14V
-100
-0.1
100
nA
-ID(ON)
Leakage Current from an “ON” Driver into the
Switch (Drain and Source)
VS = -14V, VD = -14V
-100
0.01
100
nA
IAL
Low Level Input Address Current
All Channels VA = 0.8V
-1000
0.03
1000
nA
IAH
High Level Input Address Current
All Channels VA = 4.0V
-1000
0.03
1000
nA
I+
Positive Supply Current
All Channels VA = 0.8V
45
150
µA
VA1 = 0V, VA2 = 4V
VA1 = 4V, VA2 = 0V
0.15
0.6
mA
I-
Negative Supply Current
All Channels VA = 0.8V
-0.1
-100
µA
VA1 = 0V, VA2 = 4V
VA1 = 4V, VA2 = 0V
-0.1
-100
µA
CIS(OFF)
Switch Input Capacitance
From Source to GND (Notes 3, 4)
28
pF
CC1
Driver Input Capacitance
VA = 0V (Notes 3, 4)
10
pF


Similar Part No. - HS9-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS9-303CEH-Q RENESAS-HS9-303CEH-Q Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results

Similar Description - HS9-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com