Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS0-303CEH-Q Datasheet(PDF) 9 Page - Intersil Corporation

Part # HS0-303CEH-Q
Description  Radiation Hardened BiCMOS Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-303CEH-Q Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HS0-303CEH-Q Datasheet HTML 2Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 3Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 4Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 5Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 6Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 7Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 8Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 9Page - Intersil Corporation HS0-303CEH-Q Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HS-303CEH
9
FN8399.1
April 19, 2013
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the fastest growing markets within the industrial and infrastructure,
personal computing and high-end consumer markets. For more information about Intersil or to find out how to become a member of
our winning team, visit our website and career page at www.intersil.com.
For a complete listing of Applications, Related Documentation and Related Parts, please see the respective product information page.
Also, please check the product information page to ensure that you have the most updated datasheet: HS-303CEH
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
Reliability reports are available from our website at: http://rel.intersil.com/reports/search.php
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
April 5, 2013
FN8399.1
Title on page 1 changed CMOS to BiCMOS
Continuous Current in “Absolute Maximum Ratings” on page 3 changed from 30mA to 10mA
“Post Radiation Characteristics” on page 4 changed unit in positive supply current from mA to µA.
March 26, 2013
Updated throughout 300krad to 100krad.
Updated Ordering Information on page 2
Updated Electrical Spec Table MIN and MAX values for Leakage Current in Source and Drain for ±15V from
±5 to ±20
Updated in Post Radiation Characteristics Typical values on page 4 for Positive Supply Current for VA1, VA2
from 107.1 to 113.7 and Negative Supply Current for VA1, VA2 from -0.01 to -0.02
Added 100k column to Post Radiation Characteristics table on page 5
Removed negative symbol under 75k column IAL, IAH from 0.71, 0.28 and added negative symbol in I- to
0.019 in VA1, VA2
Removed the words exposed pad from Tjc note.
Updated numbers in Table 2 in X(µm) column.
Added Note to Table 2.
December 21, 2012
FN8399.0
Initial Release


Similar Part No. - HS0-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS0-303CEH-Q RENESAS-HS0-303CEH-Q Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
More results

Similar Description - HS0-303CEH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-303CEH RENESAS-HS-303CEH Datasheet
521Kb / 14P
   Radiation Hardened BiCMOS Dual SPDT Analog Switch
Jun.17.19
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com