Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-302EH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1-302EH-Q
Description  Radiation Hardened CMOS Dual DPST Analog Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-302EH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS1-302EH-Q Datasheet HTML 1Page - Intersil Corporation HS1-302EH-Q Datasheet HTML 2Page - Intersil Corporation HS1-302EH-Q Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Radiation Hardened CMOS Dual DPST Analog Switch
HS-302RH, HS-302EH
Intersil’s Satellite Applications Flow™ (SAF) devices are fully
tested and guaranteed to 100kRAD Total Dose. These QML
Class T devices are processed to a standard flow intended to
meet the cost and shorter lead-time needs of large volume
satellite manufacturers, while maintaining a high level of
reliability.
The HS-302RH, HS-302EH analog switch is a monolithic device
fabricated using Radiation Hardened CMOS technology and
the Intersil dielectric isolation process for latch-up free
operation. Improved total dose hardness is obtained by layout
(thin oxide tabs extending to a channel stop) and processing
(hardened gate oxide). These switches offer low-resistance
switching performance for analog voltages up to the supply
rails. “ON” resistance is low and stays reasonably constant
over the full range of operating voltage and current. “ON”
resistance also stays reasonably constant when exposed to
radiation, being typically 30Ω pre-rad and 35Ω post
100kRAD(Si). This device provide break-before-make
switching.
Specifications
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the HS-302RH, HS-302EH
are contained in SMD# 5962-95812.
Functional Diagram
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
-Gamma Dose (
γ) 1 x 105 RAD(Si)
• No Latch-Up, Dielectrically Isolated Device Islands
• Pin for Pin Compatible with Intersil HI-302 Series Analog
Switches
• Analog Signal Range 15V
• Low Leakage. . . . . . . . . . . . . . . . . . . . .100nA (Max, Post Rad)
•Low RON . . . . . . . . . . . . . . . . . . . . . . . . . . 60Ω (Max, Post Rad)
• Low Operating Power. . . . . . . . . . . . . .100µA (Max, Post Rad)
Pin Configurations
HS1-302RH, HS1-302EH
(SBDIP), CDIP2-T14
TOP VIEW
HS9-302RH, HS9-302EH
(FLATPACK), CDFP3-F14
TOP VIEW
TRUTH TABLE
LOGIC
ALL SWITCHES
0OFF
1ON
N
P
IN
D
NC
GND
V+
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN1
S3
D3
D1
S4
D4
D2
IN2
S2
S1
NC
GND
IN1
S3
D3
D1
S1
V+
V-
S4
D4
D2
IN2
S2
14
13
12
11
10
9
8
2
3
4
5
6
7
1
April 1, 2013
FN4603.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2002, 2013. All Rights Reserved
Intersil (and design) and Satellite Applications Flow™ (SAF) are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HS1-302EH-Q

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS1-302EH-Q RENESAS-HS1-302EH-Q Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results

Similar Description - HS1-302EH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com