Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1902FAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL1902FAZ
Description  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1902FAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL1902FAZ Datasheet HTML 1Page - Intersil Corporation ISL1902FAZ Datasheet HTML 2Page - Intersil Corporation ISL1902FAZ Datasheet HTML 3Page - Intersil Corporation ISL1902FAZ Datasheet HTML 4Page - Intersil Corporation ISL1902FAZ Datasheet HTML 5Page - Intersil Corporation ISL1902FAZ Datasheet HTML 6Page - Intersil Corporation ISL1902FAZ Datasheet HTML 7Page - Intersil Corporation ISL1902FAZ Datasheet HTML 8Page - Intersil Corporation ISL1902FAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Full-Featured, Dimmable AC Mains LED Driver with PFC
ISL1902
The ISL1902 is a high-performance, critical conduction mode
(CrCM), single-ended controller used for single-stage
conversion of the AC mains to a constant current source with
power factor correction (PFC). This controller may be used in
virtually any single-ended topology, isolated or non-isolated,
including Boost, SEPIC, Flyback, and Forward converters.
Operation in CrCM allows near zero-voltage switching (ZVS) for
improved efficiency while maximizing magnetic core
utilization.
The ISL1902 is compatible with both leading and trailing edge
modulated AC mains dimmers as well as analog signal and
ambient light sensor controlled dimming methods. The LED
string may be dimmed either by modulation of the DC current
or PWM dimming. In-rush current limiting minimizes current
spikes caused by leading edge dimmers and prevents dimmer
malfunction when one or more LED fixtures are connected.
Two control loops are provided to improve transient response
since one loop must have restricted bandwidth to allow PFC.
The second control loop may be configured for higher
bandwidth to respond to input transients quickly and prevent
them from propagating to the load and appearing as
flashing/flickering.
The ISL1902 LED driver controller provides all of the features
required for high-performance dimmable LED ballast designs.
Applications
• Industrial and commercial LED lighting
• Architectural lighting LED drivers
• AC or DC input LED ballasts
Features
• Excellent LED current regulation over line, load, and
temperature
• 0 - 100% dimming with leading-edge (triac) and
trailing-edge dimmers
• Analog control signal dimming
• Configurable for PWM or DC Current Dimming Control of
LEDs
• Dual control loops for PFC and fast transient response
• Compatible with ambient light sensors for uniform
lamp-to-lamp performance
• Power factor correction for up to 0.995 power factor and
less than 20% harmonic content
• Critical Conduction Mode (CrCM) operation for
quasi-resonant high efficiency performance
• Supports universal AC mains input
• Active pre-load to eliminate power-off “afterglow”
• OFFREF feature sets dimming turn-off-threshold to improve
fixture performance matching
• In-rush protection control for each AC half-cycle minimizes
audible noise and eliminates dimmer resonance
• Input or Output Overvoltage Protection (OVP)
• Over-Temperature Protection (OTP)
• Bias Supply Under Voltage Lockout (UVLO)
• -40°C to +125°C operation
• Pb-free (RoHS compliant)
FIGURE 1. TYPICAL APPLICATION - DIMMING PERFORMANCE
FIGURE 2. TYPICAL APPLICATION - POWER FACTOR
0
100
200
300
400
500
600
700
800
0
20
40
60
80
100
AC CONDUCTION ANGLE (%)
0.90
0.92
0.94
0.96
0.98
1.00
80
130
180
230
INPUT VOLTAGE (VRMS)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
March 20, 2013
FN7981.2


Similar Part No. - ISL1902FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1902FAZ RENESAS-ISL1902FAZ Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

Similar Description - ISL1902FAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com