Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXZ16240MEA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74LCXZ16240MEA
Description  Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ16240MEA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LCXZ16240MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16240MEA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
www.fairchildsemi.com
2
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
Functional Description
The LCXZ16240 contains sixteen inverting buffers with 3-
STATE standard outputs. The device is nibble (4 bits) con-
trolled with each nibble functioning identically, but indepen-
dent of the other. The control pins may be shorted together
to obtain full 16-bit operation. The 3-STATE outputs are
controlled by an Output Enable (OEn) input for each nibble.
When OEn is LOW, the outputs are in 2-state mode. When
OEn is HIGH, the outputs are in the high impedance mode,
but this does not interfere with entering new data into the
inputs.
Logic Diagram
Inputs
Outputs
OE1
I0–I3
O0–O3
LL
H
LH
L
HX
Z
Inputs
Outputs
OE3
I8–I11
O8–O11
LL
H
LH
L
HX
Z
Inputs
Outputs
OE2
I4–I7
O4–O7
LL
H
LH
L
HX
Z
Inputs
Outputs
OE4
I12–I15
O12–O15
LL
H
LH
L
HX
Z


Similar Part No. - 74LCXZ16240MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCXZ16244 FAIRCHILD-74LCXZ16244 Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCXZ16244 ONSEMI-74LCXZ16244 Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
logo
Fairchild Semiconductor
74LCXZ16244GX FAIRCHILD-74LCXZ16244GX Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCXZ16244GX ONSEMI-74LCXZ16244GX Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
logo
Fairchild Semiconductor
74LCXZ16244MEA FAIRCHILD-74LCXZ16244MEA Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCXZ16240MEA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
NXP Semiconductors
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
   16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16244 FAIRCHILD-74LCXZ16244 Datasheet
203Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com