Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCXZ16244 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74LCXZ16244
Description  Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ16244 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74LCXZ16244 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 8Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 9Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Schematic Diagram Generic for LCX Family


Similar Part No. - 74LCXZ16244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCXZ16244 ONSEMI-74LCXZ16244 Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244GX ONSEMI-74LCXZ16244GX Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244MEA ONSEMI-74LCXZ16244MEA Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244MTD ONSEMI-74LCXZ16244MTD Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
More results

Similar Description - 74LCXZ16244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
   Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16240 FAIRCHILD-74LCXZ16240 Datasheet
87Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com