Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-256 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZW04-256
Description  400 Watts Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-256 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZW04-256 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-256 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-256 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-256 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-256 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-256 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Version:F13
RATINGS AND CHARACTERISTIC CURVES (BZW04 SERIES)
0.01
0.1
1
10
100
0
50
100 150 200 250 300 350 400 450 500
V(BR), BREAKDOWN VOLTAGE (V)
FIG. 6 TYPICAL REVERSE CHARACTERASTICS
TA=25℃
MEASURED AT DEVICES
STAND-OFF
VOLTAGE, VWM
100
1000
10000
100000
1.0
10.0
100.0
V(BR), BREAKDOWN VOLTAGE (V)
FIG.7 TYPICAL JUNCTION CAPACITANCE
UNDIRECTIONAL
TA=25℃
f=1.0MHz
Vsig=50mVp-p
MEASURE AT
ZERO BIAS
MEASURE AT
STAND-OFF
VOLTAGE, VWM


Similar Part No. - BZW04-256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-256 STMICROELECTRONICS-BZW04-256 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-256 TAYCHIPST-BZW04-256 Datasheet
3Mb / 4P
   Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
BZW04-256 EIC-BZW04-256 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
BZW04-256 LUGUANG-BZW04-256 Datasheet
189Kb / 4P
   Transient Voltage Suppressor
logo
General Semiconductor
BZW04-256 GE-BZW04-256 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-256

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW04 NJSEMI-BZW04 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE600 LUGUANG-P4KE600 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550A LUGUANG-P4KE550A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE550 LUGUANG-P4KE550 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520A LUGUANG-P4KE520A Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE520 LUGUANG-P4KE520 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
P4KE500 LUGUANG-P4KE500 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com