Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-FOX-150STT-B2 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-FOX-150STT-B2
Description  Onboard Intel짰 Low Power Celeron짰 M Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-FOX-150STT-B2 Datasheet(HTML) 1 Page - AAEON Technology

  TF-FOX-150STT-B2 Datasheet HTML 1Page - AAEON Technology TF-FOX-150STT-B2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
02
Features
Specifications
Note: All specifications are subject to change without notice.
02-3
Onboard Intel® Low Power Celeron® M Processor
15" XVGA Color TFT LCD Display
IP-65 Water-Proof Sealing Enclosure
Sunlight-Viewable Display With Low Reflection Touch Screen
Windows® 2000, XP Pro, XP Embedded Support
Day And Night Mode Display
Ideal For Vehicle Applications
Supports Wireless LAN With Dual Internal Antennas
(Optional)
Water-Proof I/O Connector (IP-67 Rating)
IP-65, 15” Multi-Purpose & Water-Proof Panel PC
System
Processor
Intel® Low Power Consumption Celeron® M 1.5 GHz/ 600 MHz
System Memory
DDR SODIMM x 1, Max. 1 GB
LCD/CRT Controller
Intel® 852GM + Chrontel7009
Ethernet
Intel® 82562, 10/100Base-TX, Water-proof RJ-45 x 1 (optional)
Water-Proof I/O Port
RS-232 x 1, RS-232/422/485 x 1, USB 2.0 x 2, Audio (Line-out) (optional)
Solid Storage Disk
IDE 2.5” Hard Disk Drive Bay (Anti-vibration)/ CompactFlash™ (Internal)
OS Support
Windows® 2000, Windows® XP Pro for Embedded, Windows® XP
Embedded
Mechanical
Construction
Sealed Aluminum Alloy Chassis
Color
Silver Gray
Mounting
VESA 75/100mm
Dimension
16.14" x 14.41" x 2.36" (410mm x 366mm x 60mm)
Gross Weight
19.8 lb (9 kg)
Net Weight
16.5 lb (7.5 kg)
Environmental
Operating Temperature
-4°F ~ 131°F (-20°C ~ 50°C)
Storage Temperature
-22°F ~ 158°F (-30°C ~ 70°C)
Storage Humidity
10 ~90%@35°C, non-condensing
Vibration
3G Random Operation, 5~500 Hz
Shock
30G peak acceleration (11m sec. duration)/ operation
Safety
All sides of IP-65 Certificated
EMC
CE/FCC Class A
Power Supply
DC-DC Input, 90W
Input Range: 9V ~ 30V DC
LCD
Display Type
15” TFT- LCD
Max. Resolution
1024 x 768
Max. Color
16.7M colors
Dot Size
0.297 x 0.297
Luminance (Typical)
450 cd/m2
View Angle
160°(H)/160°(V)
Back Light MTBF (Hours)
50,000
Touchscreen
Type
8-wire, Low Reflection Analog Resistive (FOX-150STT)
5-wire, Resistive (FOX-150HTT)
Resolution
2048 x 2048
Light Transmission
> 76% (8-wire analog resistive)
> 80% (5-wire analog resistive)
Lifetime
2 million activations (8-wire analog resistive)
35 million activations (5-wire analog resistive)
FOX-150
Sunlight Readable Touch Screen
Reserved
for Wireless
Antennas
Power
LAN or Audio Line out (Optional)
COM1
COM2
USB1/2
Day/ Night Mode
Display Button
On/Off Button
Water-Proof Connectors
(M12 Screw Type)


Similar Part No. - TF-FOX-150STT-B2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-FOX-151HTT-A1-1011 AAEON-TF-FOX-151HTT-A1-1011 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
TF-FOX-151ST-A1-1011 AAEON-TF-FOX-151ST-A1-1011 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
TF-FOX-151STT-A1-1012 AAEON-TF-FOX-151STT-A1-1012 Datasheet
357Kb / 2P
   IP-67 15??Multi-Purpose & Water-Proof Panel PC With Intel짰 Atom??N270 Processor
More results

Similar Description - TF-FOX-150STT-B2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
   Onboard Intel짰 Celeron짰 M Processor
FOX-80 AAEON-FOX-80 Datasheet
466Kb / 2P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 M Processor
AOP-8120XT AAEON-AOP-8120XT Datasheet
559Kb / 2P
   Onboard Intel짰 Celeron짰 M Low Power CPU
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
   Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
   Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
AEC-6840 AAEON-AEC-6840 Datasheet
267Kb / 2P
   Onboard Intel짰 ULV Celeron짰 400/650 MHz Processor
GENE-6350 AAEON-GENE-6350 Datasheet
658Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
PCM-6892B AAEON-PCM-6892B Datasheet
665Kb / 1P
   Onboard Intel짰 Ultra Low Voltage Celeron짰 Processors
PFM-800P AAEON-PFM-800P Datasheet
210Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com