Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS3402 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS3402
Description  Dual Nano-power Open Drain Output Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS3402 Datasheet(HTML) 5 Page - ON Semiconductor

  NCS3402 Datasheet HTML 1Page - ON Semiconductor NCS3402 Datasheet HTML 2Page - ON Semiconductor NCS3402 Datasheet HTML 3Page - ON Semiconductor NCS3402 Datasheet HTML 4Page - ON Semiconductor NCS3402 Datasheet HTML 5Page - ON Semiconductor NCS3402 Datasheet HTML 6Page - ON Semiconductor NCS3402 Datasheet HTML 7Page - ON Semiconductor NCS3402 Datasheet HTML 8Page - ON Semiconductor NCS3402 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCS3402
http://onsemi.com
5
TYPICAL CHARACTERISTICS
AMBIENT TEMPREATURE (°C)
−40 −25 −10 5
20
35 50
65
80 95 110 125
Figure 1. Input Bias/Offset Current vs.
Temperature
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VDD = 15 V
RP = 1 MW
AMBIENT TEMPREATURE (°C)
Figure 2. Open Drain Leakage Current vs.
Temperature
−40 −25 −10 5
20
35 50
65
80 95 110 125
3.0
2.5
2.0
1.5
1.0
0.5
0
VID = 1 V
15 V
2.7 V
5 V
IOL, LOW LEVEL OUTPUT CURRENT (mA)
0
Figure 3. Low Level Output Voltage vs. Low
Level Output Current
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
0
0.8
0.7
0.1
0.2
0.3
0.4
0.5
0.6
VDD = 2.7 V
VID = −1 V
IOL, LOW LEVEL OUTPUT CURRENT (mA)
0
Figure 4. Low Level Output Voltage vs. Low
Level Output Current
2.8
2.4
0.4
0.8
1.2
1.6
2
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
VDD = 5 V
VID = −1 V
IOL, LOW LEVEL OUTPUT CURRENT (mA)
0
Figure 5. Low Level Output Voltage vs. Low
Level Output Current
15
2.8
2.4
0.4
0.8
1.2
1.6
2
VDD = 15 V
VID = −1 V
13.5
12
10.5
9
7.5
6
4.5
3
1.5
0
800
700
600
500
400
300
200
100
0
VDD SUPPLY (V)
0
Figure 6. IDD vs. VDD vs. Temperature
16
14
24
6
8
12
10
VID = −1 V
IIB−
IIB+
IIO
2.7 V
5 V
15 V
−40
0
25
70
125
−40
0
25
70
125
−40
0
25
70
125
−40
0
25
70
125


Similar Part No. - NCS3402

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
NCS3 MURATA-PS-NCS3 Datasheet
374Kb / 12P
   Isolated 3W 4:1 Input Single Output DC-DC Converters
2022
logo
Mini-Circuits
NCS3-272 MINI-NCS3-272 Datasheet
265Kb / 1P
   RF Transformer
NCS3-272++ MINI-NCS3-272+ Datasheet
265Kb / 1P
   RF Transformer
NCS3-272++ MINI-NCS3-272+ Datasheet
635Kb / 1P
   Baluns/Transformers
REV. OR
More results

Similar Description - NCS3402

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
   1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
   1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
   1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
Renesas Technology Corp
HA1631D01 RENESAS-HA1631D01_15 Datasheet
644Kb / 29P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
HA1631D01 RENESAS-HA1631D01 Datasheet
627Kb / 27P
   Dual CMOS Comparator (Push Pull/Open Drain Output)
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com