Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561L-2-V Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2561L-2-V
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561L-2-V Datasheet(HTML) 1 Page - California Eastern Labs

  PS2561L-2-V Datasheet HTML 1Page - California Eastern Labs PS2561L-2-V Datasheet HTML 2Page - California Eastern Labs PS2561L-2-V Datasheet HTML 3Page - California Eastern Labs PS2561L-2-V Datasheet HTML 4Page - California Eastern Labs PS2561L-2-V Datasheet HTML 5Page - California Eastern Labs PS2561L-2-V Datasheet HTML 6Page - California Eastern Labs PS2561L-2-V Datasheet HTML 7Page - California Eastern Labs PS2561L-2-V Datasheet HTML 8Page - California Eastern Labs PS2561L-2-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DESCRIPTION
The PS2561-1, -2, -4 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon
phototransistor.
The PS2561-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2561L-1, -2, -4 are lead bending type
(Gull-wing) for surface mount.
The PS2561L1-1, -2, -4 are lead bending type for long creepage distance.
The PS2561L2-1, -2, -4 are lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High current transfer ratio (CTR = 200 % TYP.)
• High-speed switching (tr = 3
µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product: PS2561L-1-E3, E4, F3, F4, PS2561L-2-E3, E4, PS2561L2-1-E3, E4
• UL approved: File No. E72422
• CSA approved: No. CA 101391
• BSI approved: No. 7112/7420
• SEMKO approved: No. 0144211
• NEMKO approved: No. A21409
• DEMKO approved: No. 300535
• FIMKO approved: No. FI10620A1
• VDE approved (Option)
APPLICATIONS
• Power supply
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controller
PHOTOCOUPLER
PS2561-1,-2,-4,PS2561L-1,-2,-4
PS2561L1-1,-2,-4,PS2561L2-1,-2,-4
HIGH ISOLATION VOLTAGE
SINGLE TRANSISTOR TYPE
MULTI PHOTOCOUPLER SERIES
−NEPOC Series−
The mark
shows major revised points.
Document No. PN10234EJ02V0DS (2nd edition)
Date Published December 2003 CP(K)


Similar Part No. - PS2561L-2-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561L-2-V NEC-PS2561L-2-V Datasheet
100Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2561L-2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com