Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561L2-2-V Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2561L2-2-V
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561L2-2-V Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2561L2-2-V Datasheet HTML 3Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 4Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 5Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 6Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 7Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 8Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 9Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 10Page - California Eastern Labs PS2561L2-2-V Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ORDERING INFORMATION (Solder Contains Lead) (1/2)
Part Number
Package
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2561-1
4-pin DIP
Magazine case 100 pcs
Standard products
PS2561-1
PS2561L-1
(UL, CSA, BSI,
PS2561L1-1
NEMKO, SEMKO,
PS2561L2-1
DEMKO, FIMKO
PS2561L-1-E3
Embossed Tape 1 000 pcs/reel
approved)
PS2561L-1-E4
PS2561L-1-F3
Embossed Tape 2 000 pcs/reel
PS2561L-1-F4
PS2561L2-1-E3
Embossed Tape 1 000 pcs/reel
PS2561L2-1-E4
PS2561-2
8-pin DIP
Magazine case 45 pcs
PS2561-2
PS2561L-2
PS2561L1-2
PS2561L2-2
PS2561L-2-E3
Embossed Tape 1 000 pcs/reel
PS2561L-2-E4
PS2561-4
16-pin DIP
Magazine case 20 pcs
PS2561-4
PS2561L-4
PS2561L1-4
PS2561L2-4
PS2561-1-V
4-pin DIP
Magazine case 100 pcs
VDE approved
PS2561-1
PS2561L-1-V
products (Option)
PS2561L1-1-V
PS2561L2-1-V
PS2561L-1-V-E3
Embossed Tape 1 000 pcs/reel
PS2561L-1-V-E4
PS2561L-1-V-F3
Embossed Tape 2 000 pcs/reel
PS2561L-1-V-F4
PS2561L2-1-V-E3
Embossed Tape 1 000 pcs/reel
PS2561L2-1-V-E4
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10234EJ02V0DS
7
PS2561-1,-2,-4,PS2561L-1,-2,-4,PS2561L1-1,-2,-4,PS2561L2-1,-2,-4


Similar Part No. - PS2561L2-2-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561L2-1 NEC-PS2561L2-1 Datasheet
100Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561L2-1 RENESAS-PS2561L2-1 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561L2-1 RENESAS-PS2561L2-1 Datasheet
5Mb / 17P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Rev.1.00 Dec 25, 2020
PS2561L2-1-A RENESAS-PS2561L2-1-A Datasheet
5Mb / 17P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE
Rev.1.00 Dec 25, 2020
PS2561L2-1-E3 RENESAS-PS2561L2-1-E3 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2561L2-2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com