Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-629Y603 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTP-629Y603
Description  24V driven receipt, ticket printer 3??KIOSK printer unit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-629Y603 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTP-629Y603 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 8Page - Fujitsu Component Limited. FTP-629Y603 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FTP-639USL100-R Series
PRELIMINAR
Y
Interface
Serial (RS232C), USB
24VDC ± 5%, Voltage
Current : average*1 ( ): Peak 12.5% printing ratio
For head
1.0 (2.0) A (at 200 mm/s printing speed, 1 division)
0.7 (1.0) A (at 125 mm/s printing speed, 2 divisions)
0.6 (1.0) A (at 80 mm/s printing speed, 2 divisions)
0.6 (2.0) A (at 80mm/s printing speed, automatic division)
For print motor
24VDC ± 5%, 1.1 A maximum, 0.9A average
For cutter
24VDC ± 5%, 1.3 A maximum
For logic
5VDC ± 5%, 0.2 A maximum (converted from 24V)
Part number
FTP-639USL101/102/201/202
Printing method
Thermal-sensitive line dot method
Dot structure
576 dots/line
Dot pitch (Horizontal)
0.125 mm (8 dots/mm)—Dot density
Dot pitch (Vertical)
0.125 mm (8 dots/mm)—Line feed pitch
Effective printing area
72 mm
Paper width
80 mm
Paper thickness
60 to 100 µm
Paper print length
50 to 250mm
Cutting type
Full or partial
Number of columns
48 columns/line (12×24 dot font)
Maximum printing speed
1600 dotlines/s (200 mm/s)
Page mode
Middle speed mode
80mm/sec. without automatic division
High speed mode
125 mm/sec.without automatic division
Ultra high speed mode
200 mm/sec.without automatic division
Alphanumeric KANA: 159, Registered: 94, International: 195, OCR: 103
Character types
JIS KANJI (FTP-629DSL400): approximately 6800
24 × 12 dots, (3.0 × 1.5 mm), 48 columns
24 × 24 dots, (3.0 × 3.0 mm), 24 columns
16 × 8 dots, (2.0 × 1.0 mm), 72 columns
16 × 16 dots, (2.0 × 2.0 mm), 36 columns
OCR I: 24 × 40, 24 columns
OCR III: 24 × 48, 24 columns
OCR IV: 36×60, 16 columns
Expanded: 24×48, 24 columns
n
SPEcIFIcATIONS
Specifications
Item
+0
-1
Character composition, dimensions (H×W),
Number of characters
Power supply
(Continued)


Similar Part No. - FTP-629Y603

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-629Y601 FUJITSU-FTP-629Y601 Datasheet
220Kb / 6P
   HIGH SPEED THERMAL PRINTER 3-INCH TYPE MECHANISM
More results

Similar Description - FTP-629Y603

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-627MCL401 FUJITSU-FTP-627MCL401 Datasheet
379Kb / 8P
   24V driveN high speed thermal printer
FTP-637MCL401 FUJITSU-FTP-637MCL401 Datasheet
371Kb / 8P
   24V driven High speed thermal printer
logo
STMicroelectronics
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
   Thermal printer-based parking ticket vending machine
March 2010
logo
Fujitsu Component Limit...
FTP-631MCL101 FUJITSU-FTP-631MCL101 Datasheet
62Kb / 6P
   24V DRIVE, ULTRA HIGH SPEED LINE THERMAL PRINTER 3??MECHANISM
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com