Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561L-2-V-E4 Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS2561L-2-V-E4
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561L-2-V-E4 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS2561L-2-V-E4 Datasheet HTML 7Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 8Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 9Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 10Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 11Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 12Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 13Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 14Page - California Eastern Labs PS2561L-2-V-E4 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
80
200
400
%
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA, RL = 100
3
µs
Fall Time
*2
tf
5
*1 CTR rank (only PS2561-1, PS2561L-1, PS2561L1-1, PS2561L2-1)
L :
200 to 400 (%)
M :
80 to 240 (%)
D :
100 to 300 (%)
H :
80 to 160 (%)
W :
130 to 260 (%)
*2 Test circuit for switching time
VCC
VOUT
RL = 100
50
IF
µ
Pulse Input
PW = 100 s
Duty Cycle = 1/10
Data Sheet PN10234EJ02V0DS
11
PS2561-1,-2,-4,PS2561L-1,-2,-4,PS2561L1-1,-2,-4,PS2561L2-1,-2,-4


Similar Part No. - PS2561L-2-V-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561L-2-V NEC-PS2561L-2-V Datasheet
100Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2561L-2-V-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
celduc-relais
PS2501-1-L-A CELDUC-PS2501-1-L-A Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2501L-1-L ETC2-PS2501L-1-L Datasheet
243Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501A-1 ETC1-PS2501A-1 Datasheet
371Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501A-1 CEL-PS2501A-1 Datasheet
233Kb / 12P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2501-1 NEC-PS2501-1_1 Datasheet
126Kb / 13P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2501-1 CEL-PS2501-1 Datasheet
452Kb / 15P
   HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com