Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP13NM60N Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP13NM60N
Description  N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13NM60N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STP13NM60N Datasheet HTML 5Page - STMicroelectronics STP13NM60N Datasheet HTML 6Page - STMicroelectronics STP13NM60N Datasheet HTML 7Page - STMicroelectronics STP13NM60N Datasheet HTML 8Page - STMicroelectronics STP13NM60N Datasheet HTML 9Page - STMicroelectronics STP13NM60N Datasheet HTML 10Page - STMicroelectronics STP13NM60N Datasheet HTML 11Page - STMicroelectronics STP13NM60N Datasheet HTML 12Page - STMicroelectronics STP13NM60N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STF/I/P/U/W13NM60N
Test circuits
Doc ID 15420 Rev 5
9/21
3
Test circuits
Figure 19.
Switching times test circuit for
resistive load
Figure 20.
Gate charge test circuit
Figure 21.
Test circuit for inductive load
switching and diode recovery times
Figure 22.
Unclamped inductive load test
circuit
Figure 23.
Unclamped inductive waveform
Figure 24.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STP13NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP13NM60N ISC-STP13NM60N Datasheet
318Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP13NM60ND STMICROELECTRONICS-STP13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
logo
Inchange Semiconductor ...
STP13NM60ND ISC-STP13NM60ND Datasheet
327Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STP13NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com