Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C922N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74C922N
Description  16-Key Encoder ??20-Key Encoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C922N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74C922N Datasheet HTML 1Page - Fairchild Semiconductor MM74C922N Datasheet HTML 2Page - Fairchild Semiconductor MM74C922N Datasheet HTML 3Page - Fairchild Semiconductor MM74C922N Datasheet HTML 4Page - Fairchild Semiconductor MM74C922N Datasheet HTML 5Page - Fairchild Semiconductor MM74C922N Datasheet HTML 6Page - Fairchild Semiconductor MM74C922N Datasheet HTML 7Page - Fairchild Semiconductor MM74C922N Datasheet HTML 8Page - Fairchild Semiconductor MM74C922N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.fairchildsemi.com
2
Connection Diagrams (Continued)
Pin Assignment for
DIP and SOIC Package
Top View
MM74C923
Truth Tables
(Pins 0 through 11)
(Pins 12 through 19)
Note 1: Omit for MM74C922
Switch
01234
5
6
7
8
9
10
11
Position
Y1, X1 Y1, X2 Y1, X3 Y1, X4 Y2, X1 Y2, X2
Y2, X3 Y2, X4
Y3, X1
Y3, X2
Y3, X3
Y3, X4
D
A
A
010101
0
1
0
1
0
1
T
B
001100
1
1
0
0
1
1
A
C
000011
1
1
0
0
0
0
O
D
000000
0
0
1
1
1
1
U
E (Note 1)
000000
0
0
0
0
0
0
T
Switch
12
13
14
15
16
17
18
19
Position
Y4, X1
Y4, X2
Y4, X3
Y4, X4
Y5(Note 1), X1 Y5 (Note 1), X2 Y5 (Note 1), X3 Y5 (Note 1), X4
D
A
A
010
1
0
1
0
1
T
B
001
1
0
0
1
1
A
C
111
1
0
0
0
0
O
D
111
1
0
0
0
0
U
E (Note 1)
0
0
0
0
1
1
1
1
T


Similar Part No. - MM74C922N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922N FAIRCHILD-MM74C922N Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
MM74C922N FAIRCHILD-MM74C922N Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - MM74C922N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
National Semiconductor ...
MM54C922 NSC-MM54C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com